Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX7303BA-CC Datasheet(PDF) 3 Page - California Eastern Labs

No. de Pieza. NX7303BA-CC
Descripción  1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX7303BA-CC Datasheet(HTML) 3 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NX7303BA-CC, NX7303CA-CC
Monitor Current, Im (mA)
Wavelength, λ (nm)
OPTICAL OUTPUT POWER FROM FIBER
vs. MONITOR CURRENT
LONGITUDINAL MODE
1300
1310
1320
0.5
1.0
1.5
0
0.5
1.0
1.5
0
Case Temperature, TC (°C)
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY
TYPICAL PERFORMANCE CURVES (TC = -40 to +85°C, unless otherwise specified)
-60
-40
-20
0
20
40
60
80
100
0.10
0.08
0.06
0.04
0.02
0
TEMPERATURE DEPENDENCE OF
CENTER WAVELENGTH
Case Temperature, TC (°C)
1360
1340
1320
1300
1280
1260
-60
-40
-20
0
20
40
60
80
100
Case Temperature, TC (°C)
OPERATING CURRENT AND
THRESHOLD CURRENT
vs. CASE TEMPERATURE
100
50
30
20
10
5
3
2
1
-60
-40
-20
0
20
40
60
80
100
Ith
IOP (@Pf = 1.0 mW)
OPTICAL OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT
Forward Current, IF (mA)
+25°C
+70°C
+85°C
TC = -40°C
0
0
50
100
150
1.5
1.0
0.5


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn