Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX7304BG-CC Datasheet(PDF) 2 Page - California Eastern Labs

No. de Pieza. NX7304BG-CC
Descripción  1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX7304BG-CC Datasheet(HTML) 2 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Case Temperature, TC (°C)
TEMPERATURE DEPENDENCE OF
CENTER WAVELENGTH
OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT
Case Temperature, TC (°C)
Case Temperature, TC (°C)
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY FROM
FIBER
Forward Current, IF (mA)
TYPICAL PERFORMANCE CURVES (TC = -40 to +85°C)
THRESHOLD CURRENT AND
OPERATION CURRENT
vs. CASE TEMPERATURE
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NX7304BG-CC, NX7304CG-CC
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Pf
Optical Output Power
from Fiber
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 s)
°C
260
RH
Relative Humidity
%
85
(noncondensing)
5.0
4.0
3.0
2.0
1.0
0
50
100
150
TC = -40°C
TC = +25°C
TC = +70°C
TC = +85°C
100
10
20
30
50
5
3
2
1
-60
-40
-20
0
20
40
60
80
100
ITH
IOP
0.3
0.2
0.1
0
-60
-40
-20
0
20
40
60
80
100
1360
1320
1340
1300
1280
1260
-60
-40
-20
0
20
40
60
80
100


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn