Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX7304BG-CC Datasheet(PDF) 4 Page - California Eastern Labs

No. de Pieza. NX7304BG-CC
Descripción  1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX7304BG-CC Datasheet(HTML) 4 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NX7304BG-CC, NX7304CG-CC
OUTLINE DIMENSIONS (Units in mm)
OPTICAL FIBER CHARACTERISTICS
PARAMETER
UNITS SPECIFICATION
Mode Field Diameter
µm
9.5±1
Cladding Diameter
µm
125±2
Maximum Cladding Noncircularity
%
2
Maximum Core/Cladding Concentricity
%
1.6
Outer Diameter
mm
0.9±0.1
Cut-off Wavelength
nm
1100 to 1270
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
500±50
Flammability
UL 1581 VW-1
8.99±0.5 mm
35±2 mm
Fiber Length: 500±50 mm
SC-UPC Connector
NX7304BG-CC
ø0.9
Optical Fiber (SMF)
Length: 0.5 m
With SC Connector
8.0±0.3
ø7.0±0.2
ø0.45±0.05
15.0
7.3
28.3±1.0
19.5±1.0
16.0
6.0
PD
CASE
P.C.D. = ø2.0
4–R1.25±0.2
2–ø2.5
8.5±0.2
1
2
3
4
12.0±0.15
7.0±0.2
ø0.9
Optical Fiber (SMF)
Length: 0.5 m
With SC Connector
8.0±0.3
ø7.0±0.2
4.0±0.2
2.2
3.2
ø2.2
ø0.45±0.05
18.3±1.0
25.5±1.0
1.2±0.2
20.0±1.0
12.7±0.2
17.0±0.2
P.C.D. = ø2.0
7.2±0.3
3.7±0.3
1.0±0.1
PD
LD
4
1
3
2
CASE
6.0
NX7304CG-CC
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/27/2003
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn