Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX7337BF-AA Datasheet(PDF) 1 Page - California Eastern Labs

No. de Pieza. NX7337BF-AA
Descripción  1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX7337BF-AA Datasheet(HTML) 1 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
Document No. GBB-SA-1692
Date Published December 2005 CP(K)
LASER DIODE
NX7337BF-AA
1 310 nm InGaAsP MQW-FP LASER DIODE
COAXIAL MODULE FOR OTDR APPLICATION
DESCRIPTION
The NX7337BF-AA is a 1 310 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diode coaxial
module with single mode fiber. This module is specified to operate under pulsed condition and designed for light
source of Optical Time Domain Reflectometer (OTDR).
FEATURES
• High output power
Pf = 180 mW @ IFP = 1 000 mA
*1
• Long wavelength
λC = 1 310 nm
*1 Pulse Conditions: Pulse width (PW) = 10
µs, Duty = 1%
PACKAGE DIMENSIONS (UNIT: mm)
Optical Fiber
SMF
Length = 1 m
φ 0.9
φ 7
φ 6
12.7
17.0
φ 0.45
P.C.D. = 2
φ
CASE
2
1
PIN CONNECTIONS
LD
4
3
2
1
The information in this document is subject to change without notice. Before using this document, please confirm
that this is the latest version.


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn