Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX7338BF-AA Datasheet(PDF) 2 Page - California Eastern Labs

No. de Pieza. NX7338BF-AA
Descripción  1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX7338BF-AA Datasheet(HTML) 2 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet GBB-SA-1693
2
NX7338BF-AA
OPTICAL FIBER CHARACTERISTICS
ti
n
U
n
o
it
a
c
if
i
c
e
p
S
r
e
t
e
m
a
r
a
P
3
.
9
r
e
t
e
m
a
i
D
d
l
e
i
F
e
d
o
M
±0.5
µm
5
2
1
r
e
t
e
m
a
i
D
g
n
i
d
d
a
l
C
±2
µm
Maximum Cladding Noncircularity
2
%
Maximum Core/Cladding Concentricity
1.6
%
9
.
0
r
e
t
e
m
a
i
D
r
e
t
u
O
±0.1
mm
m
n
0
8
2
1
o
t
0
4
1
1
h
t
g
n
e
l
e
v
a
W
ff
o
-
t
u
C
Minimum Fiber Bending Radius
30
mm
m
m
.
N
I
M
0
0
0
1
h
t
g
n
e
L
r
e
b
i
F
Ferrule
Fiber Length: 1 000 mm MIN.


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn