Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NX7338BF-AA Datasheet(PDF) 3 Page - California Eastern Labs

No. de Pieza. NX7338BF-AA
Descripción  1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo 

NX7338BF-AA Datasheet(HTML) 3 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet GBB-SA-1693
3
NX7338BF-AA
ORDERING INFORMATION
Part Number
FIange Type
NX7338BF-AA-AZ*
flat mount flange
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Pulsed Forward Current
*1
IFP
600
mA
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
R
2.0
V
Operating Case Temperature
TC
−20 to +60
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
260 (10 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
*1 Pulse Condition: Pulse Width (PW) = 10
µs, Duty = 1%
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
V
e
g
a
tl
o
V
d
r
a
w
r
o
F
FP
IFP = 400 mA,
PW = 10
µs, Duty = 1%
2.5
4.0
V
I
t
n
e
r
r
u
C
d
l
o
h
s
e
r
h
T
th
A
m
0
3
0
2
Optical Output Power from Fiber
Pf
IFP = 400 mA,
PW = 10
µs, Duty = 1%
70
110
mW
Center Wavelength
λC
RMS (
−20 dB), IFP = 400 mA,
PW = 10
µs, Duty = 1%
1 290
1 310
1 330
nm
Spectral Width
σ
RMS (
−20 dB), IFP = 400 mA,
PW = 10
µs, Duty = 1%
4.5
10.0
nm
t
e
m
i
T
e
s
i
R
r
s
n
0
.
1
%
0
9
-
0
1
t
e
m
i
T
ll
a
F
f
s
n
0
.
1
%
0
1
-
0
9
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +60
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
I
t
n
e
r
r
u
C
d
l
o
h
s
e
r
h
T
th
A
m
0
5
Optical Output Power from Fiber
Pf
IFP = 400 mA,
PW = 10
µs, Duty = 1%
50
mW
Center Wavelength
λC
RMS (
−20 dB), IFP = 400 mA,
PW = 10
µs, Duty = 1%
1 280
1 342.5
nm
Temperature Dependency of
Center Wavelength
λ/
/
m
n
5
3
.
0
T
°C
Spectral Width
σ
RMS (
−20 dB), IFP = 400 mA,
PW = 10
µs, Duty = 1%
10
nm
*Note Please refer to the last page of this data sheet “Compliance with
EU Directives” for Pb-Free RoHS Compliance Information.


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn