Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LAX100-NP Datasheet(PDF) 7 Page - LEM

No. de pieza LAX100-NP
Descripción Electrónicos  Current Transducer LAX SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEM [LEM]
Página de inicio  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAX100-NP Datasheet(HTML) 7 Page - LEM

Back Button LAX100-NP Datasheet HTML 3Page - LEM LAX100-NP Datasheet HTML 4Page - LEM LAX100-NP Datasheet HTML 5Page - LEM LAX100-NP Datasheet HTML 6Page - LEM LAX100-NP Datasheet HTML 7Page - LEM LAX100-NP Datasheet HTML 8Page - LEM LAX100-NP Datasheet HTML 9Page - LEM LAX100-NP Datasheet HTML 10Page - LEM LAX100-NP Datasheet HTML 11Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page 7/12
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
070213/7
Figure 14: Typical di/dt follow-up
(high speed 1 turn PCB design)
Figure 15: Typical di/dt follow-up
(low speed 1 turn PCB design)
LAX series 16-100 A
Figure 16: Typical di/dt follow-up
(low speed 1 turn PCB design)
Output (10 mA/div)
Input (20 A/div)
10 s/div
µ
Output (10 mA/div)
Input (20 A/div)
200 ns/div
Output (10 mA/div)
Input (20 A/div)
200 ns/div
Typical performance characteristics (continued)


Número de pieza similar - LAX100-NP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LEM
LAX-100-NP LEM-LAX-100-NP Datasheet
431Kb / 12P
   Current Transducer LAX SERIES
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
   IC for LCD TV
logo
Taiyo Yuden (U.S.A.), I...
LAXHG5050XAT100MMR TAIYO-YUDEN-LAXHG5050XAT100MMR Datasheet
407Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2023/12/13
LAXHG5050XAT150MMR TAIYO-YUDEN-LAXHG5050XAT150MMR Datasheet
406Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2024/1/9
LAXHG5050XAT220MMR TAIYO-YUDEN-LAXHG5050XAT220MMR Datasheet
406Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2023/12/13
More results

Descripción similar - LAX100-NP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LEM
LAX-100-NP LEM-LAX-100-NP Datasheet
431Kb / 12P
   Current Transducer LAX SERIES
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
CTSR-0.6-P LEM-CTSR-0.6-P Datasheet
675Kb / 11P
   Current Transducer CTSR series
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com