Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AUP1G74YZPR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
SN74AUP1G74YZPR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 17 page www.ti.com Switching Characteristics SN74AUP1G74 LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET SCES644A – MARCH 2006 – REVISED SEPTEMBER 2006 over recommended operating free-air temperature range, C L = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C to TA = 25°C FROM TO 85 °C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 41 1.2 V ± 0.1 V 75 50 1.5 V ± 0.1 V 95 55 fmax MHz 1.8 V ± 0.15 V 100 60 2.5 V ± 0.2 V 150 130 3.3 V ± 0.3 V 200 160 0.8 V 35 1.2 V ± 0.1 V 2 12 23.1 4.1 23.2 1.5 V ± 0.1 V 2 8 14.1 2.9 14.6 Q 1.8 V ± 0.15 V 2 6 10.7 2.4 11.3 2.5 V ± 0.2 V 2 4 7 1.9 7.6 3.3 V ± 0.3 V 2 4 5.4 1.6 5.9 CLK 0.8 V 32 1.2 V ± 0.1 V 2 11 21.8 3.7 21.8 1.5 V ± 0.1 V 2 7 13.5 2.6 14 tpd Q ns 1.8 V ± 0.15 V 2 6 10.4 2.2 10.9 2.5 V ± 0.2 V 2 4 7.1 1.7 7.5 3.3 V ± 0.3 V 2 3 5.4 1.4 5.8 0.8 V 31 1.2 V ± 0.1 V 2 11 23 2 22.9 1.5 V ± 0.1 V 2 7 14 2 14.9 PRE or CLR Q or Q 1.8 V ± 0.15 V 2 6 11 2 11.7 2.5 V ± 0.2 V 2 4 7 2 8.1 3.3 V ± 0.3 V 2 4 6 1.5 6.4 9 Submit Documentation Feedback |
Número de pieza similar - SN74AUP1G74YZPR |
|
Descripción similar - SN74AUP1G74YZPR |