Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G132DBVRE4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74LVC1G132DBVRE4
Descripción Electrónicos  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G132DBVRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74LVC1G132DBVRE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G132DBVRE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G132DBVRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G132DBVRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G132DBVRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G132DBVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G132DBVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G132DBVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G132DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
NC – Nointernalconnection
DBVPACKAGE
(TOP VIEW)
2
5
3
4
Y
1
A
GND
OE
V
CC
DCKPACKAGE
(TOP VIEW)
3
4
2
Y
1
GND
A
OE
5
V
CC
DRL PACKAGE
(TOP VIEW)
2
A
1
OE
3
4
GND
Y
5
V
CC
YZP PACKAGE
(BOTTOMVIEW)
2
A
1
OE
GND
4
3
Y
5
V
CC
DRY PACKAGE
(TOP VIEW)
A
NC
OE
6
5
4
2
3
GND
Y
V
CC
1
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G126
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
SCES224N – APRIL 1999 – REVISED FEBRUARY 2007
• Available in the Texas Instruments
• Latch-Up Performance Exceeds 100 mA Per
NanoFree™ Package
JESD 78, Class II
• Supports 5-V V
CC Operation
• ESD Protection Exceeds JESD 22
• Inputs Accept Voltages to 5.5 V
2000-V Human-Body Model (A114-A)
• Max t
pd of 3.7 ns at 3.3 V
200-V Machine Model (A115-A)
• Low Power Consumption, 10-µA Max I
CC
1000-V Charged-Device Model (C101)
• ±24-mA Output Drive at 3.3 V
• I
off Supports Partial-Power-Down Mode
Operation
This single bus buffer gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G126 is a single line driver with a 3-state output. The output is disabled when the output-enable
(OE) input is low.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the
driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - 74LVC1G132DBVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVC1G132DBVRG4 TI-74LVC1G132DBVRG4 Datasheet
468Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results

Descripción similar - 74LVC1G132DBVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com