Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AAT2842 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

No. de pieza AAT2842
Descripción Electrónicos  High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGICTECH [Advanced Analogic Technologies]
Página de inicio  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2842 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2842 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AAT2842
High-Current Charge Pump with S2Cwire™
Control and Dual LDO for Backlight and Flash
2842.2006.10.1.0
5
Electrical Characteristics1
VIN = 3.6V; CIN = 4.7µF; COUT = 2.2µF; C1 = C2 = 1.0µF; TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TA = 25°C.
Symbol
Description
Conditions
Min Typ Max Units
VIN
IN Operating Voltage Range
2.7
5.5
V
1X Mode, 3.0V
≤ VIN ≤ 5.5V, Active, No
1.0
Load; ENL = AGND, FENS = BENS = IN
1.5X Mode, 3.0V
≤ VIN ≤ 5.5V, Active, No
3.0
IIN(Q)
IN Operating Current
Load; ENL = AGND, FENS = BENS = IN
mA
2X Mode, 3.0V
≤ VIN ≤ 5.5V, Active, No
5.0
Load; ENL = AGND, FENS = BENS = IN
RBSET = 280kΩ, Data 1, 1X Mode
50
µA
IIN(SHDN)
IN Shutdown Current
ENL = BENS = FENS = AGND, TA = 25°C
5.0
µA
TSD
Over-Temperature Shutdown
140
°C
Threshold
TSD(HYS)
Over-Temperature Shutdown
15
°C
Hysteresis
Charge Pump Section
IOUT
OUT Maximum Output Current
600
mA
VIN(TH_H)
BL1-BL4, FL1-FL4 Charge Pump RBSET = 280kΩ, Data 1
500
mV
Mode Transition Hysteresis
fOSC
Charge Pump Oscillator
2
MHz
Frequency
Backlight LED Outputs, S2Cwire Data = 1
IBL_(MAX)
BL1-BL4 Maximum Current
RBSET = 280kΩ, VIN - VF = 1.5V
27
30
33
mA
ΔI(BL_)
BL1-BL4 Current Matching2
VIN - VF = 1.5V
0.5
1
%
VBL_(TH)
BL1-BL4 Charge Pump Mode
150
mV
Transition Threshold
Backlight LED Outputs, S2Cwire Data = 7
IBL_(MAX)
BL1-BL4 Maximum Current
RBSET = 280kΩ, VIN - VF = 1.5V
8.6
9.6
10.6
mA
ΔI(BL_)
BL1-BL4 Current Matching2
VIN - VF = 1.5V
2
%
VBL_(TH)
BL1-BL4 Charge Pump Mode
60
mV
Transition Threshold
Flash LED Outputs, S2Cwire Data = 1
IFL_(MAX)
FL1-FL4 Maximum Current
RFSET = 280kΩ, VIN - VF = 1.5V
135
150
165
mA
ΔI(FL_)
FL1-FL4 Current Matching2
VIN - VF = 1.5V
1
4
%
VFL_(TH)
FL1-FL4 Charge Pump Mode
300
mV
Transition Threshold
1. The AAT2842 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. Current matching is defined as the deviation of any sink current from the average of all active channels.


Número de pieza similar - AAT2842

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT2842 ANALOGICTECH-AAT2842 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842IBJ-EE-T1 ANALOGICTECH-AAT2842IBJ-EE-T1 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842INJ-EE-T1 ANALOGICTECH-AAT2842INJ-EE-T1 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
More results

Descripción similar - AAT2842

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2848 ANALOGICTECH-AAT2848 Datasheet
2Mb / 19P
   High-Current Charge Pump For Backlight Display and Flash Applications
AAT2856 ANALOGICTECH-AAT2856 Datasheet
491Kb / 22P
   High Current Charge Pump with Dual LDO for BacklightApplications
logo
Semtech Corporation
SC656 SEMTECH-SC656 Datasheet
547Kb / 17P
   Backlight Driver for 7 LEDs with Charge Pump and PWM Control
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SiGe Semiconductor, Inc...
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
   Multi-Mode Charge Pump For White LED Backlight and Flash Applications
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com