Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC14C105 Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
ADC14C105 Datasheet(HTML) 3 Page - National Semiconductor (TI) |
3 / 17 page Pin Descriptions and Equivalent Circuits Pin No. Symbol Equivalent Circuit Description ANALOG I/O 5V IN+ Differential analog input pins. The differential full-scale input signal level is 2V P-P with each input pin signal centered on a common mode voltage, V CM. 6V IN- 2V RP These pins should each be bypassed to AGND with a low ESL (equivalent series inductance) 1 µF capacitor placed very close to the pin to minimize stray inductance. A 0.1 µF capacitor should be placed between V RP and VRN as close to the pins as possible, anda1µF capacitor should be placed in parallel. V RP and VRN should not be loaded. VCMO may be loaded to 1mA for use as a temperature stable 1.5V reference. It is recommended to use V CMO to provide the common mode voltage, V CM, for the differential analog inputs, VIN+ and VIN−. 32 V CMO 1V RN 31 V REF Reference Voltage. This device provides an internally developed 1.2V reference. When using the internal reference, V REF should be decoupled to AGND with a 0.1 µF anda1µF low equivalent series inductance (ESL) capacitor . This pin may be driven with an external 1.2V reference voltage. This pin should not be used to source or sink current. DIGITAL I/O 11 CLK The clock input pin. The analog input is sampled on the rising edge of the clock input. 12 OF/DCS This is a four-state pin controlling the input clock mode and output data format. OF/DCS = V A, output data format is 2’s complement without duty cycle stabilization applied to the input clock OF/DCS = AGND, output data format is offset binary, without duty cycle stabilization applied to the input clock. OF/DCS = (2/3)*V A, output data is 2’s complement with duty cycle stabilization applied to the input clock OF/DCS = (1/3)*V A, output data is offset binary with duty cycle stabilization applied to the input clock. 30 PD This is a two-state input controlling Power Down. PD=V A, Power Down is enabled and power dissipation is reduced. PD = AGND, Normal operation. www.national.com 3 |
Número de pieza similar - ADC14C105 |
|
Descripción similar - ADC14C105 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |