Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7107 Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF7107
Descripción Electrónicos  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7107 Datasheet(HTML) 5 Page - International Rectifier

  IRF7107 Datasheet HTML 1Page - International Rectifier IRF7107 Datasheet HTML 2Page - International Rectifier IRF7107 Datasheet HTML 3Page - International Rectifier IRF7107 Datasheet HTML 4Page - International Rectifier IRF7107 Datasheet HTML 5Page - International Rectifier IRF7107 Datasheet HTML 6Page - International Rectifier IRF7107 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
81
IRF7107
Fig 12. Typical Output Characteristics,
TJ = 25oC
Fig 13. Typical Output Characteristics,
TJ = 150oC
Fig 15. Normalized On-Resistance
Vs. Temperature
Fig 14. Typical Transfer Characteristics
Fig 16. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 17. Typical Gate Charge Vs.
Gate-to-Source Voltage
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DS
A
-V
, Drain-to-Source Voltage (V)
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTTOM - 4.5V
-4.5V
20µs PULSE WIDTH
T = 25°C
J
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DS
20µs PULSE WIDTH
T = 150°C
A
-V
, Drain-to-Source Voltage (V)
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTTOM - 4.5V
-4.5V
J
1
10
100
4
5
6
7
8
9
10
T = 25°C
T = 150°C
J
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -15V
20µs PULSE WIDTH
DS
0.0
0.5
1.0
1.5
2.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
A
V
= -10V
GS
I
= -2.8A
D
0
200
400
600
800
1
10
100
A
DS
-V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
12
16
20
0
4
8
12
16
20
G
A
Q , Total Gate Charge (nC)
I
= -2.3A
V
= -10V
D
DS
FOR TEST CIRCUIT
SEE FIGURE 22


Número de pieza similar - IRF7107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
IRF710 FAIRCHILD-IRF710 Datasheet
147Kb / 5P
   N-Channel Power MOSFETs, 2.25A, 350-400V
logo
Intersil Corporation
IRF710 INTERSIL-IRF710 Datasheet
56Kb / 7P
   2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
Vishay Siliconix
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
   Power MOSFET
Rev. A, 30-May-08
logo
New Jersey Semi-Conduct...
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
   IRF710-713 MTP2N35/2N40 N-Channel Power MOSFETs
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
   N-Channel Power MOSFETs, 2.25 A, 350-400 V
More results

Descripción similar - IRF7107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com