Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJ418160 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SMJ418160
Descripción Electrónicos  1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SMJ418160 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SMJ418160 Datasheet HTML 2Page - Texas Instruments SMJ418160 Datasheet HTML 3Page - Texas Instruments SMJ418160 Datasheet HTML 4Page - Texas Instruments SMJ418160 Datasheet HTML 5Page - Texas Instruments SMJ418160 Datasheet HTML 6Page - Texas Instruments SMJ418160 Datasheet HTML 7Page - Texas Instruments SMJ418160 Datasheet HTML 8Page - Texas Instruments SMJ418160 Datasheet HTML 9Page - Texas Instruments SMJ418160 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SMJ416160, SMJ418160
1048576 BY 16-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SGMS720D – APRIL 1995 – REVISED SEPTEMBER 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1)
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VSS
Supply voltage
0
V
VIH
High-level input voltage
2.4
6.5
V
VIL
Low-level input voltage (see Note 2)
–1
0.8
V
TA
Operating free-air temperature
– 55
125
°C
NOTE 2: The algebraic convention, where the more negative (less positive) limit is designated as minimum, is used for logic-voltage levels only.


Número de pieza similar - SMJ418160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results

Descripción similar - SMJ418160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS45160 TI1-TMS45160_08 Datasheet
361Kb / 23P
[Old version datasheet]   262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com