Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
31-01USOC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd |
|
31-01USOC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd |
3 / 5 page Everlight Electronics Co., Ltd. http:\\www.everlight.com Rev 1.0 Page: 3 of 5 Device number: DLE-301-O01 Established date: 07-15-2004 Established by: Iverson Kuo 31-01USOC Electro-Optical Characteristics (Ta=25℃) Parameter Symbol Min. Typ. Max. Condition Unit Total Flux Φv 990 1440 ---- IF=70mA mlm Viewing Angle 2θ1/2 ---- 50 ---- IF=70mA deg Peak Wavelength λp ---- 621 ---- IF=20mA nm Dominant Wavelength λd ---- 615 ---- IF=20mA nm Spectrum Radiation Bandwidth △λ ---- 18 ---- IF=20mA nm Forward Voltage VF ---- 2.4 ---- IF=70mA V Reverse Current IR ---- ---- 10 VR=5V uA Rank 31-01USOC □ □ □ (1) (2) (3) (1) VF(V) (2) λd(nm) (3)Φv(mlm) Bin Min Max Bin Min Max Bin Min Max 0 1.95 2.19 1 611 618 W 990 1760 1 2.07 2.31 2 614 622 X 1440 2750 2 2.19 2.43 Y 2250 4100 3 2.31 2.55 4 2.43 2.67 5 2.55 2.79 6 2.67 2.91 7 2.79 3.03 8 2.91 3.15 *Measurement Uncertainty of Forward Voltage:±0.1V *Measurement Uncertainty of Luminous Intensity: ±15% |
Número de pieza similar - 31-01USOC |
|
Descripción similar - 31-01USOC |