Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74VHC374 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
74VHC374 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 9 page tm April 2007 ©1992 Fairchild Semiconductor Corporation www.fairchildsemi.com 74VHC374 Rev. 1.3 74VHC374 Octal D-Type Flip-Flop with 3-STATE Outputs Features ■ High Speed: tPD = 5.4ns (typ) at VCC = 5V ■ High noise immunity: VNIH = VNIL = 28% VCC (Min.) ■ Power down protection is provided on all inputs ■ Low power dissipation: ICC = 4µA (Max) @ TA = 25°C ■ Pin and function compatible with 74HC374 General Description The VHC374 is an advanced high speed CMOS octal flip-flop with 3-STATE output fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while main- taining the CMOS low power dissipation. This 8-bit D-type flip-flop is controlled by a clock input (CP) and an output enable input (OE). When the OE input is HIGH, the eight outputs are in a HIGH impedance state. An input protection circuit ensures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mis- matched supply and input voltages. Ordering Information Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering number. Pb-Free package per JEDEC J-STD-020B. Connection Diagram Pin Descriptions Order Number Package Number Package Description 74VHC374M M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 74VHC374SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74VHC374MTC MTC20 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pin Names Description D0–D7 Data Inputs CP Clock Pulse Input OE 3-STATE Output Enable Input O0–O7 3-STATE Outputs |
Número de pieza similar - 74VHC374 |
|
Descripción similar - 74VHC374 |