Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BH6530KV Datasheet(Hoja de datos) 1 Page - Rohm

No. de Pieza. BH6530KV
Descripción  PMW motor driver IC for slim type CD-ROM
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

   
 1 page
background image
BH6530KV / BH6534KV
Optical disc ICs
1/2
PMW motor driver IC for slim type CD-ROM
BH6530KV / BH6534KV
BH6530KV / BH6534KV is a motor driver IC developed for CD-ROM, and DVD-ROM. This IC integrates 3-phase PMW
driver for driving spindle motor and PMW driver for driving feed motor.
BH6530KV
FG signal 1 phase output
BH6534KV
FG signal 3 phase synthesis output
Applications
External dimensions (Unit : mm)
CD-ROM slim, DVD-ROM slim set
Features
1) OP amp. is incorporated for input of each driver
to construct filter easily.
2) Built-in low ON resistance power MOS.
3) Built-in current limit, hall bias, FG output and inversion protection
for 3-phase PWM driver.
4) Built-in standby circuit.
5) Built-in thermal shutdown circuit.
6) High-efficient CD drive system achieved by using this IC and 2ch
PWM driver BH6526FV in pairs.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
∗1 Derating : 9.5mW/°C for operation above Ta=25°C.
∗2 Intermittent current at maximum applied time of 5 msec, 1/10 duty (max.)
Supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Max.output current
VCC
Pd
Topr
Tastg
IoMAX
9
1180
−30 to +85
−55 to +150
3
V
mW
°C
°C
A
1
2
Recommended operating conditions (Ta=25
°C)
Parameter
Symbol
Typ.
Max.
Min.
Unit
Supply voltage
PRE / POW VCC
5.0
5.5
4.5
V
VQFP48
0.15 ± 0.1
0.1
0.2 ± 0.1
9.0 ± 0.3
7.0 ± 0.2
48
37
1
12
13
24
25
36
0.5




Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
F6908SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR 1 2 3 4 5 MoreUnisonic Technologies
AM56805-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
BD7904FS5ch Power Driver for CD-ROM DVD-ROM 1 2 3 4 5 MoreRohm
BD6609FVSpindle Motor Driver for CD/MD 1 2 Rohm
AM5954A4-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
BA5954FP_1BLT Driver For CD-ROM 1 2 3 4 5 MoreRohm
BA6238A_1Reversible Motor Driver for 2 motors 1 2 3 4 5 Rohm
TB6592FLDual-Bridge Driver IC for DC motor 1 2 3 4 5 MoreSipex Corporation
MM15384-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS 1 2 3 4 5 MoreUnisonic Technologies
BA6406F_12-Phase Half-Wave Pre Driver for Fan Motor 1 2 3 4 5 MoreRohm

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl