Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML34063NG Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

No. de pieza ML34063NG
Descripción Electrónicos  DC-to-DC Converter Control Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINILOGIC [Minilogic Device Corporation Limited]
Página de inicio  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML34063NG Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML34063NG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML34063NG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML34063NG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML34063NG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML34063NG Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P3/5
Rev B, June 2005
ML34063
Step-Up Converter Application Circuit
Test
Conditions
Results
Line Regulation
Vin = 8.0V to 16V, IO = 175mA
30mV + 0.05%
Load Regulation
Vin = 12V, IO = 75mA to 175mA
10mV + 0.017%
Output Ripple
Vin = 12V, IO = 175mA
400 mVpp
Efficient
Vin = 12V, IO = 175mA
87.7%
Output Ripple with Optional Filter
Vin = 12V, IO = 175mA
40 mVpp
S
R
Q
Ipk
CT
Oscillator
+
Comparator
1.25V
Voltage Reference
1
SC
2
SE
3
CT
4
GND
8
DRIC
7
IPK
6
VCC
CII
5
ML34063 (Bottom View)
VIN = 12V
VOUT =
28V/175mA
VOUT
170uH
180 ohm
0.22 ohm
100uF
47k ohm
2.2k ohm
330uF
Optional
Low Pass Filter
1.0uH
100uF
1500pF
1N5819
+
+
+


Número de pieza similar - ML34063NG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
ML3406N15MRG ETC1-ML3406N15MRG Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
ML3406N18MRG ETC1-ML3406N18MRG Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
ML3406NFBMRG ETC1-ML3406NFBMRG Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
More results

Descripción similar - ML34063NG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
logo
List of Unclassifed Man...
B34063A ETC-B34063A Datasheet
478Kb / 9P
   1.5Amp DC-to-DC Converter Control Circuit
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com