Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML34063NG Datasheet(PDF) 5 Page - Minilogic Device Corporation Limited

No. de pieza ML34063NG
Descripción Electrónicos  DC-to-DC Converter Control Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINILOGIC [Minilogic Device Corporation Limited]
Página de inicio  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML34063NG Datasheet(HTML) 5 Page - Minilogic Device Corporation Limited

  ML34063NG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML34063NG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML34063NG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML34063NG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML34063NG Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P5/5
Rev B, June 2005
ML34063
Voltage Inverting Converter Application Circuit
Test
Conditions
Results
Line Regulation
Vin = 4.5V to 6.0V, IO = 100mA
3.0mV + 0.012%
Load Regulation
Vin = 5.0V, IO = 10mA to 100mA
0.022V + 0.09%
Output Ripple
Vin = 5.0V, IO = 100mA
500 mVpp
Short Circuit Current
Vin = 5.0V, RL = 0.1 ohm
910 mA
Efficient
Vin = 5.0V, IO = 100mA
62.2%
Output Ripple with Optional Filter
Vin = 5.0V, IO = 100mA
70 mVpp
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and
reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use.
S
R
Q
Ipk
CT
Oscillator
+
Comparator
1.25V
Voltage Reference
1
SC
2
SE
3
CT
4
GND
8
DRIC
7
IPK
6
VCC
CII
5
ML34063 (Bottom View)
VIN
= 4.5V~6.0V
VOUT =
-12V/100mA
VOUT
0.24 ohm
100uF
953 ohm
8.2k ohm
1000uF
Optional
Low Pass Filter
1.0uH
100uF
1500pF
1N5819
88uH
+
+
+


Número de pieza similar - ML34063NG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
ML3406N15MRG ETC1-ML3406N15MRG Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
ML3406N18MRG ETC1-ML3406N18MRG Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
ML3406NFBMRG ETC1-ML3406NFBMRG Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
More results

Descripción similar - ML34063NG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
logo
List of Unclassifed Man...
B34063A ETC-B34063A Datasheet
478Kb / 9P
   1.5Amp DC-to-DC Converter Control Circuit
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com