Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NZT6728 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza NZT6728
Descripción Electrónicos  PNP General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT6728 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NZT6728 Datasheet HTML 1Page - Fairchild Semiconductor NZT6728 Datasheet HTML 2Page - Fairchild Semiconductor NZT6728 Datasheet HTML 3Page - Fairchild Semiconductor NZT6728 Datasheet HTML 4Page - Fairchild Semiconductor NZT6728 Datasheet HTML 5Page - Fairchild Semiconductor NZT6728 Datasheet HTML 6Page - Fairchild Semiconductor NZT6728 Datasheet HTML 7Page - Fairchild Semiconductor NZT6728 Datasheet HTML 8Page - Fairchild Semiconductor NZT6728 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TO-226AE Tape and Reel Data
October 1999, Rev. A1
TO-226AE Packaging
Configuration: Figur e 1.0
1,500 un its per
EO70 box for
std o ption
5EO70boxes per
Int ermediate Box
FSCINT Labe l
530mm x 130mm x 83mm
Intermediate box
7,500 un its maximum
per intermediate box
for std option
FSCINT Barcode Label
114mm x 102mm x 51mm
EO70 Immediate Box
Anti-static
Bubble Sheets
(TO-226AE) BULK PACKING INFORMATION
EOL CODE
DESCRIPTION
LEADCLIP
DIMENSION
QUANTITY
J18Z
TO-18 OPTION STD
NO LEAD CLIP
1.0 K / BOX
J05Z
TO-5 OPTION STD
NO LEAD CLIP
1.0 K / BOX
NO EOL
CODE
TO-226 STANDARD
STRAIGHT
NO LEADCLIP
1.5 K / BOX
TO-226AE TNR/AMMO PACKING INF R
OMATION
Packing
Style
Quantity
EOL code
Reel
A
2,000
D26Z
E2,000
D27Z
Ammo
M
2,000
D74Z
P2,000
D75Z
Unit weight
= 0.300gm
Reel weight with components
= 0.868 kg
Ammo weight with components
= 0.880 kg
Max quantity per intermediate box = 10,000 units
AMMO PACK OPTION
See Fig 3.0 for2 Ammo
Pack Options
BULK OPTION
See Bulk Packing
Information table
375mm x 267mm x 375mm
Int ermediate Box
FSCINT
Labe l
Custom ized
Labe l
333mm x 231mm x 183mm
Int ermediate Box
FSCINT
Labe l
Custom ized
Labe l
F63TNR
Barcode Label
5 Ammo box es per
Int ermediate Box
Custom ized
Labe l
327mm x 158mm x 135mm
Immed iate Box
LOT:
CBVK741B019
NSID:
PN2222N
D/C1:
D9842
SPEC REV:
B2
SPEC:
QTY:
10000
QA REV:
FAIRCHILD SEMICONDUCTOR CORPORATION
HTB:B
(FSCINT)
F63TNR
Labe l
Custom ized
Labe l
5 Reels per
Int ermediate Box
TAPE and REEL OPTION
See Fig 2.0 for various
Reeling Styles
F63TNR Label sampl e
FSCINT Label sampl e
Customized
Label
LOT: CBVK741B019
FSID: PN222N
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 2000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
©2000 Fairchild Semiconductor International


Número de pieza similar - NZT6728

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NZT6728 FAIRCHILD-NZT6728 Datasheet
110Kb / 4P
   PNP General Purpose Amplifier
More results

Descripción similar - NZT6728

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com