Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
W02G Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
W02G Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 3 page W005G - W10G, Rev. C 2001 Fairchild Semiconductor Corporation Bridge Rectifiers (Glass Passivated) (continued) Typical Characteristics 25 50 75 100 125 150 175 0 0.5 1 1.5 2 Ambient Temperature [ºC] SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.0mm) LEAD LENGTHS 12 5 10 20 50 100 0 10 20 30 40 50 Number of Cycles at 60Hz 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0.01 0.1 1 10 20 Forward Voltage, V F [V] Pulse Width = 300 µµµµs 2% Duty Cycle T = 25 C º A 0 204060 80 100 120 140 0.01 0.1 1 10 Percent of Rated Peak Reverse Voltage [%] T = 25 C º A T = 100 C º A Figure 1. Forward Current Derating Curve Figure 2. Non-Repetitive Surge Current Figure 3. Forward Voltage Characteristics Figure 4. Reverse Current vs Reverse Voltage |
Número de pieza similar - W02G |
|
Descripción similar - W02G |