Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUL45 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza BUL45
Descripción Electrónicos  NPN Silicon Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45 Datasheet(HTML) 4 Page - ON Semiconductor

  BUL45_06 Datasheet HTML 1Page - ON Semiconductor BUL45_06 Datasheet HTML 2Page - ON Semiconductor BUL45_06 Datasheet HTML 3Page - ON Semiconductor BUL45_06 Datasheet HTML 4Page - ON Semiconductor BUL45_06 Datasheet HTML 5Page - ON Semiconductor BUL45_06 Datasheet HTML 6Page - ON Semiconductor BUL45_06 Datasheet HTML 7Page - ON Semiconductor BUL45_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BUL45
http://onsemi.com
4
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
0
IC, COLLECTOR CURRENT (AMPS)
1000
0
46
2000
0
3500
3
hFE, FORCED GAIN
6
50
0
IC, COLLECTOR CURRENT (AMPS)
150
0
2000
0
12
15
200
100
2
25
200
150
100
400
500
1000
1500
2500
3000
03
4
1000
1500
2500
9
13
5
0
500
3000
4
5
7
8
10
11
13
14
250
50
300
1200
1
200
600
800
8
70
4
6
2
13
5
8
7
3500
2000
1000
1500
2500
500
3000
25
03
4
1
25
03
4
1
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)
Figure 7. Resistive Switching, ton
Figure 8. Resistive Switching, toff
Figure 9. Inductive Storage Time, tsi
Figure 10. Inductive Storage Time, tsi(hFE)
Figure 11. Inductive Switching, tc & tfi, IC/IB = 5
Figure 12. Inductive Switching, tc & tfi, IC/IB = 10
IC/IB = 10
IC/IB = 5
IC/IB = 5
IC/IB = 10
IB(off) = IC/2
VCC = 300 V
PW = 20 ms
TJ = 25°C
TJ = 125°C
IB(off) = IC/2
VCC = 300 V
PW = 20 ms
TJ = 25°C
TJ = 125°C
IC = 1 A
VZ = 300 V
VCC = 15 V
IB(off) = IC/2
LC = 200 mH
IC/IB = 5
IC/IB = 10
TJ = 25°C
TJ = 125°C
IC = 2 A
TJ = 25°C
TJ = 125°C
IB(off) = IC/2
LC = 200 mH
VZ = 300 V
VCC = 15 V
VCC = 15 V
IB(off) = IC/2
LC = 200 mH
VZ = 300 V
TJ = 25°C
TJ = 125°C
tc
tfi
tc
tfi
TJ = 25°C
TJ = 125°C
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 mH


Número de pieza similar - BUL45_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
1995
BUL45D2 ONSEMI-BUL45D2 Datasheet
227Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
BUL45D2G ONSEMI-BUL45D2G Datasheet
227Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
More results

Descripción similar - BUL45_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com