Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC100EL89D Datasheet(PDF) 9 Page - ON Semiconductor |
|
MC100EL89D Datasheet(HTML) 9 Page - ON Semiconductor |
9 / 20 page ECLSOIC8EVB http://onsemi.com 9 J3 J4 J2 R4 50 W J7 J6 C1 0.01 mF GND C4 0.1 mF C2 0.01 mF GND C3 0.1 mF VCC VEE DUT Pin 4 Pin 3 Pin 2 Pin 1 Pin 5 Pin 6 Pin 7 Pin 8 (Optional) Figure 8. Configuration 5 Schematic R3 50 W R2 50 W Table 8. Configuration 5 Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Device J1 R1 J2 R2 J3 R3 J4 R4 C2 C3 J6 R6 J7 R7 C1 C4 MC100EP16VCD* MC10EL58D/MC100EL58D No No Yes Yes Yes Yes Yes Yes Yes Yes Yes No Yes No Yes Yes MC100LVEL58D No No Yes Yes Yes Yes Yes Yes Yes Yes Yes No Yes No Yes Yes MC10EP58D/MC100EP58D *See Appendix for addition or modification to the current configuration |
Número de pieza similar - MC100EL89D |
|
Descripción similar - MC100EL89D |