Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC147M96 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC147M96
Descripción Electrónicos  High-Speed CMOS Logic 10- to 4-Line Priority Encoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC147M96 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC147M96 Datasheet HTML 1Page - Texas Instruments CD74HC147M96 Datasheet HTML 2Page - Texas Instruments CD74HC147M96 Datasheet HTML 3Page - Texas Instruments CD74HC147M96 Datasheet HTML 4Page - Texas Instruments CD74HC147M96 Datasheet HTML 5Page - Texas Instruments CD74HC147M96 Datasheet HTML 6Page - Texas Instruments CD74HC147M96 Datasheet HTML 7Page - Texas Instruments CD74HC147M96 Datasheet HTML 8Page - Texas Instruments CD74HC147M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Power Dissipation Capaci-
tance
(Notes 3, 4)
CPD
-5
-
32
-
-
-
-
-
pF
HCT TYPES
Propagation Delay,
Input to Output (Figure 2)
tPLH, tPHL
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
5
-
14
-
-
-
-
-
ns
Transition Times (Figure 2)
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capaci-
tance
(Notes 3, 4)
CPD
-5
-
42
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 6. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 7. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC147, CD74HC147, CD74HCT147


Número de pieza similar - CD74HC147M96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC147M96 TI-CD74HC147M96 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96 TI-CD74HC147M96 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96 TI-CD74HC147M96 Datasheet
522Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96E4 TI-CD74HC147M96E4 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96E4 TI-CD74HC147M96E4 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
More results

Descripción similar - CD74HC147M96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC147 TI-CD54HC147_08 Datasheet
522Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD54HC147 TI-CD54HC147 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147 TI-CD74HC147 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 10-to-4 Line Priority Encoder
CD54HC147 TI-CD54HC147 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com