Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC08D1000EVAL Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC08D1000EVAL
Descripción Electrónicos  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1000EVAL Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC08D1000EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
870mV
P-P,CL = 10 pF, Differential, a.c. coupled Sinewave Input Clock, fCLK = 1 GHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, R
EXT = 3300
±0.1%, Analog Signal Source Impedance = 100Ω Differen-
tial. Boldface limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
ANALOG INPUT AND REFERENCE CHARACTERISTICS
V
CMI
Analog Input Common Mode
Voltage
V
CMO
V
CMO −50
V
CMO +50
mV (min)
mV (max)
C
IN
Analog Input Capacitance,
Normal operation (Notes 10,
11)
Differential
0.02
pF
Each input pin to ground
1.6
pF
Analog Input Capacitance, DES
Mode (Notes 10, 11)
Differential
0.08
pF
Each input pin to ground
2.2
pF
R
IN
Differential Input Resistance
100
94
Ω (min)
106
Ω (max)
ANALOG OUTPUT CHARACTERISTICS
V
CMO
Common Mode Output Voltage
1.26
0.95
1.45
V (min)
V (max)
V
CMO_LVL
V
CMO input threshold to set DC
Coupling mode
V
A = 1.8V
0.60
V
V
A = 2.0V
0.66
V
TC V
CMO
Common Mode Output Voltage
Temperature Coefficient
T
A = −40˚C to +85˚C
118
ppm/˚C
C
LOAD
V
CMO
Maximum V
CMO load
Capacitance
80
pF
V
BG
Bandgap Reference Output
Voltage
I
BG = ±100 µA
1.26
1.20
1.33
V (min)
V (max)
TC V
BG
Bandgap Reference Voltage
Temperature Coefficient
T
A = −40˚C to +85˚C,
I
BG = ±100 µA
28
ppm/˚C
C
LOAD
V
BG
Maximum Bandgap Reference
load Capacitance
80
pF
TEMPERATURE DIODE CHARACTERISTICS
∆V
BE
Temperature Diode Voltage
192 µA vs. 12 µA,
T
J = 25˚C
71.23
mV
192 µA vs. 12 µA,
T
J = 85˚C
85.54
mV
CHANNEL-TO-CHANNEL CHARACTERISTICS
Offset Match
1
LSB
Positive Full-Scale Match
Zero offset selected in Control
Register
1
LSB
Negative Full-Scale Match
Zero offset selected in Control
Register
1
LSB
Phase Matching (I,Q)
F
IN = 1.0 GHz
< 1
Degree
X-TALK
Crosstalk from I (Agressor) to Q
(Victim) Channel
Aggressor = 867 MHz F.S.
Victim = 100 MHz F.S.
-71
dB
X-TALK
Crosstalk from Q (Agressor) to I
(Victim) Channel
Aggressor = 867 MHz F.S.
Victim = 100 MHz F.S.
-71
dB
CLOCK INPUT CHARACTERISTICS
V
ID
Differential Clock Input Level
Sine Wave Clock
0.6
0.4
2.0
V
P-P (min)
V
P-P (max)
Square Wave Clock
0.6
0.4
2.0
V
P-P (min)
V
P-P (max)
www.national.com
9


Número de pieza similar - ADC08D1000EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC08D1000EVAL NSC-ADC08D1000EVAL Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results

Descripción similar - ADC08D1000EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000QML TI1-ADC08D1000QML Datasheet
1Mb / 50P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com