Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FU-48SDF-X31M4YF Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

No. de Pieza. FU-48SDF-X31M4YF
Descripción  1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

FU-48SDF-X31M4YF Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
JAN06 (3/6)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI (OPTICAL DEVICES)
FU-48SDF-x31M4yF
1.3
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
THERMAL CHARACTERISTICS
(Tld=25
°C,Tc=-20~+65°C)
Limits
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermistor resistance
Rth
Tld=25°C
9.5
10
10.5
K
Ω
B constant of
thermistor resistance
B
-
-
3950
-
K
Cooling capacity
ΔT
Tc=65°C
40
-
-
K
Cooler current
Ipe
ΔT=40K
-
0.6
1
A
Cooler voltage
Vpe
ΔT=40K
-
1.2
2
V
OPTICAL FIBER SPECIFICATION
Parameter
Limits
Unit
Type
SM
-
Mode filed diameter
9.5
±1
μm
Cladding diameter
125
±2
μm
Jacket diameter
900 typ.
μm
Connector type
Pigtail without fiber, SC/PC, SC/APC, FC/APC
Please see ' FC/APC connector specification'
-
Fiber pintail length
Lfiber = 1000+200/-0
(Lfiber is defined in the outline drawing.)
mm
SC/PC
: 50dB min
-
Optical return loss to connector
SC/APC and FC/APC
: 60dB min
-
FC/APC CONNECTOR SPECIFICATION
(1) FC/APC CONNECTOR PARTS
Part
Maker
Part No.
FC connector
PF11A
Ferrule
SEIKOH
GIKEN
FF3A
(2) FERRULE ENDFACE GEOMETRY
Reference
Dimensions
EB
EO
50
μmMAX
rEP
5~12mm
EQ
±0.1
μm


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn