Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FU-48SDF-X31M4YF Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

No. de Pieza. FU-48SDF-X31M4YF
Descripción  1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

FU-48SDF-X31M4YF Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
JAN06 (4/6)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI (OPTICAL DEVICES)
FU-48SDF-x31M4yF
1.3
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
DOCUMENTATION
Threshold current(Ith) at Tc=25°C
Operating current(Iop) at Tc=25°C
Optical output power form fiber end(Pf) at Tc=25°C
Central wavelength(
λc) at Tc=25°C
Monitor current(Imon) at Tc=25°C
Differential efficiency(
η) at Tc=25°C
Side mode suppression ratio(Sr) at Tc=25°C
Optical modulation(m) at Tc=25°C
RF input power(RFin) at Tc=25°C
Composite second order(CSOL2, CSOH41, CSOH78, CSOH123) at Tc=25°C
Composite triple order(CTB2, CTB41, CTB78, CTB123) at Tc=25°C
Carrier to noise ratio(CNR2, CNR41, CNR78, CNR123) at Tc=25°C
Relative intensity noise(Nr2, Nr123) at Tc=25°C
Pf - If graph at Tc=-20, 25, 65°C
If - Vf graph at Tc=25°C
dPf/dIf - If graph at Tc=25°C
If - Imon graph at Tc=25°C
ORDERING INFORMATION
Output Power Range
0
1.5~2.5mW
1
2.5~4mW
2
4~6mW
3
6~8mW
4
8~10mW
5
10~13mW
Connector
W
SC/PC
L
SC/APC
Y
FC/APC
FU - 48SDF – _ 31M4 _ F


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn