Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FU-48SDF-X37M9YF Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

No. de Pieza. FU-48SDF-X37M9YF
Descripción  1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

FU-48SDF-X37M9YF Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
JAN06 (3/5)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI CONFIDENTIAL
MITSUBISHI (OPTICAL DEVICES)
FU-48SDF-x37M9yF
1.3
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
OPTICAL FIBER SPECIFICATION
Parameter
Limits
Unit
Type
SM
-
Mode filed diameter
9.5
±1
μm
Cladding diameter
125
±2
μm
Jacket diameter
900±100
μm
Pigtail without connector(or with SC/PC for test)
(FU-48SDF-37M92/96/98)
SC/PC
(FU-48SDF-W37M92/96/98)
Connector type
FC/PC
(FU-48SDF-V37M92/96/98)
-
Fiber pintail length
Lfiber = 1100±100
(Lfiber is defined in the outline drawing.)
mm
Optical return loss of the
connector
>45
dB
FC/APC CONNECTOR SPECIFICATION
(1) FC/APC CONNECTOR PARTS
Part
Maker
Part No.
FC connector
PF11A
Ferrule
SEIKOH
GIKEN
FF3A
(2) FERRULE ENDFACE GEOMETRY
Reference
Dimensions
EB
EO
50
μmMAX
rEP
5~12mm
EQ
±0.1
μm
ORDERING INFORMATION
Output Power Range
2
4mW
6
8mW
8
12mW
Connector
W
SC/PC
L
SC/APC
Y
FC/APC
FU - 48SDF – _ 37M9 _ F


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn