Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FU-60RDF-S6M1X Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

No. de Pieza. FU-60RDF-S6M1X
Descripción  1.55 um CWDM DFB-LD WITH LC RECEPTACLE FOR LONG HAUL APPLICATIONS
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

FU-60RDF-S6M1X Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WZ700071A
(2/4)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI (OPTICAL DEVICES)
FU-60RDF-S6M1x
1.55
µm CWDM DFB-LD WITH LC RECEPTACLE FOR LONG HAUL APPLICATIONS
ES Product
ELECTRICAL/OPTICAL CHARACTERISTICS
(Tc=-5~75°C, unless otherwise noted)
Limits
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
CW, Tc=25°C
-
10
20
Threshold current
Ith
CW
2
-
45
mA
Optical output power
at threshold current
Pth
CW, Ibias=Ith
-
-
100
µW
CW, Pf=3.16mW, Tc=25°C
-
35
55
Operating current
Iop
CW, APC (Note 1), Tc=75°C
-
60
110
mA
CW, Pf=3.16mW, Tc=25°C
-
1.2
1.5
Operating voltage
Vop
CW, APC, Tc=75°C
-
1.6
1.7
V
CW, Pf=3.16mW, Tc=25°C
14
25
40
Modulation Current (Iop-Ith)
(Note 2)
Imod
CW, APC
10
-
65
mA
Differential impedance
Rs
-
3
6
10
Optical output power from
fiber end
Pf
CW, nominal
3.16
mW
-S6M12
1463
1470
1477
nm
-S6M13
1483
1490
1497
nm
-S6M14
1503
1510
1517
nm
-S6M15
1523
1530
1537
nm
-S6M16
1543
1550
1557
nm
-S6M17
1563
1570
1577
nm
-S6M18
1583
1590
1597
nm
Light-emission central
wavelength
λc
CW, APC
-S6M19
1603
1610
1617
nm
Wavelength temperature
coefficient
λct
CW, APC
-
0.1
0.11
nm/°C
Side mode suppression ratio
Sr
CW, APC
30
45
-
dB
Rise and fall time (20~80%)
tr, tf
(Note 3) (Note 4)
-
125
150
psec
Relative intensity noise
Nr
CW, APC, f=1GHz
-
-145
-130
dB/Hz
Tracking error (Note 5)
Er
CW, APC
-
0.5
1.25
dB
Monitor current
Imon
CW, Pf=3.16mW, Vrd=5V,
Tc=25°C
0.1
-
2
mA
Optical isolation
Iso
-
16
-
-
dB
Dark current (PD)
Id
Vrd=5V
-
-
0.1
µA
Capacitance (PD)
Ct
Vrd=5V, f=1MHz
-
-
10
pF
Note 1) APC by a constant monitor current for Pf=3.16mW at Tc=25°C.
Note 2) Modulation current for LD driver shall be less than this “Imod” when the optical extinction ratio is
set around 10dB.
Note 3) 2.48832Gb/s NRZ, 2
23-1, Pf_ave=1.58mW, Ibias=Ith, optical return loss from the line should be
greater than 24dB in order to ensure the specified performance.
Note 4) Guaranteed only when the length of LD pins are shorter than 5mm.
Note 5) Er=max|10
×log(Pf / Pf@25°C)|
RECEPTACLE SPECIFICATIONS
Parameter
Limits
Unit
Type
SM, for LC connector
-
Mode field diameter
10
±1
µm
Cladding diameter
125
±2
µm


Html Pages

1  2  3  4