Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FU-68SDF-X31MYYF Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

No. de Pieza. FU-68SDF-X31MYYF
Descripción  1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

FU-68SDF-X31MYYF Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
JAN06 (3/5)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI CONFIDENTIAL
MITSUBISHI (OPTICAL DEVICES)
FU-68SDF-x31MyyF
1.5
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
DOCUMENTATION (Tld=Tset)
Fiber output power vs. Laser forward current Tc=25°C
Threshold current (Ith)
Laser forward current (Iop) at Pf=10mW
Laser forward voltage (Vop) at Pf=10mW
Monitor current (Imon) at Pf=10mW
Thermistor resistance (Rth)
Cooler current (Ipe) at Pf=10mW and Tc=70°C
Cooler voltage (Vpe) at Pf=10mW and Tc=70°C
Laser temperature (Tset)
Central wavelength (λc)
ORDERING INFORMATION
Table 1.
f [THz]
λc [nm]
λ code
193.50 1549.32
59
193.30 1550.92
63
193.10 1552.52
67
192.90 1554.13
71
192.70 1555.75
75
192.50 1557.36
79
192.30 1558.98
83
192.10 1560.61
87
All wavelengths are referred to vacuum. Tolerance is
λc+/-0.4nm
λ code
See table 1
Connector
W
SC/PC
V
FC/PC
FU - 68SDF – _ 31M __ F


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
FU-68SDF-X3MYF1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 Mitsubishi Electric Semiconductor
FU-48SDF-X30M5YF1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-48SDF-X31M4YF1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-48SDF-X37M9YF1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 Mitsubishi Electric Semiconductor
FU-68SDF-X8YYMZZF1.55 μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-68SDF-X9YYMZZF1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
SY88904FIBER OPTIC MODULE CONTROLLER WITH APC 1 2 3 4 5 MoreMicrel Semiconductor
EPA1829C10Base-T Interface Module with Enhanced Common Mode Attenuation 1 2 3 4 5 MorePCA ELECTRONICS INC.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn