Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FU-427SHL-8M22 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

No. de Pieza. FU-427SHL-8M22
Descripción  1.31 um FP-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

FU-427SHL-8M22 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WZ700062B (2/4)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI (OPTICAL DEVICES)
FU-427SHL-8M22
1.31
µm FP-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
ELECTRICAL/OPTICAL CHARACTERISTICS
(Tc=25
°C, unless otherwise noted)
Limits
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Threshold current
Ith
-
--
30
50
mA
Operating current
Iop
Pulse(Note 1)
400
700
900
mA
Operating Voltage
Vop
If=Iop,Pulse(Note 1)
--
--
5
V
If=Iop,Pulse (Note 1)
Tc=25
°C
80
--
--
Optical output power from fiber
end
Pf
If=Iop,Pulse (Note 1)
Tc=60
°C
40
--
--
mW
nm
Central wavelength
λc
If=Iop,Pulse(Note 1)
1290
1310
1330
Spectral width(RMS)
∆λ
If=Iop,Pulse(Note 1)
--
--
10
nm
Pulse droop
(Note
3)
∆Pf
If=Iop,Pulse
(Note 1)
--
--
20
%
Rise and fall times
tr,tf
Ib=Ith,10~90%
(Note 2)
--
1
2
ns
Note 1. Pulse condition : Pulse width ≤ 10µs,Duty ratio ≤ 1%
Note 2. Ib:Bias current (LD)
Note 3.
∆Pfp=(Pf1-Pf2)/Pf1×100
OPTICAL FIBER SPECIFICATION
Parameter
Limits
Unit
Type
SM
-
Mode filed dia.
9.3±1
µm
Cladding dia.
125±2
µm
Jacket dia.
0.9typ.
mm
10µs
Pf1
Pf2
Pf
t


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
FU-423SLD-FV3M311.31 um FP-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 Mitsubishi Electric Semiconductor
FU-427SDF-FV11.31 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 Mitsubishi Electric Semiconductor
FU-48SDF-X31M4YF1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-48SDF-X37M9YF1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 Mitsubishi Electric Semiconductor
FU-68SDF-X3MYF1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 Mitsubishi Electric Semiconductor
FU-68SDF-X8YYMZZF1.55 μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-68SDF-X9YYMZZF1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-68SDF-X31MYYF1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 Mitsubishi Electric Semiconductor
FU-48SDF-X30M5YF1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
SY88904FIBER OPTIC MODULE CONTROLLER WITH APC 1 2 3 4 5 MoreMicrel Semiconductor