Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FU-427SLD-FX1 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

No. de Pieza. FU-427SLD-FX1
Descripción  1.31 um FP-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo 

FU-427SLD-FX1 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WZ700046B
(2/4)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI (OPTICAL DEVICES)
FU-427SLD-Fx1
1.31
µm FP-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25°C, unless otherwise noted)
Limits
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Threshold current
Ith
CW
3
7
15
mA
Operating current
Iop
CW
-
20
40
mA
Operating Voltage
Vop
CW, If=Iop (Note 1)
-
1.1
1.5
V
Optical output power from fiber
end
Pf
CW, If=Iop
1.0
2.0
-
mW
Center wavelength
λc
CW, If=Iop
1285
1300
1330
nm
Spectral bandwidth (RMS)
(Note 3)
∆λ
CW, If=Iop
1.2
4
nm
Rise and fall time
tr, tf
Ib=Ith,10~90% (Note 2)
-
0.3
1.0
ns
Tracking
error
(Note 4)
Er
Tc=-20~+75°C,APC
-
0.4
1.5
dB
Differential efficiency
η
-
-
0.17
-
mW/mA
Monitor current
Imon
CW,If=Iop,Vrd=5V
0.1
0.6
-
mA
Dark current (Photodiode)
Id
Vrd=5V
-
0.1
0.5
µA
Capacitance (Photodiode)
Ct
Vrd=5V,f=1MHz
-
-
20
pF
Note 1. If : Forward current (LD)
2. Ib : Bias current (LD)
3.
∆λ=((Σai × (λi-λc)2) / Σai)1/2
Where ai
≥ ap × 0.01
ai : Relative intensity of laser spectral emission modes.
ap : Peak of laser spectral emission modes.
4. Er=MAX|10
×log(Pf(Tc)/Pf(25°C))|
OPTICAL FIBER SPECIFICATION
Parameter
Limits
Unit
Type
SM
-
Mode filed dia.
9.5±1
µm
Cladding dia.
125±2
µm
Jacket dia.
0.9 typ.
mm


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
FU-423SLD-FV3M311.31 um FP-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 Mitsubishi Electric Semiconductor
FU-427SHL-8M22_11.31 um FP-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 Mitsubishi Electric Semiconductor
FU-427SDF-FV11.31 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 Mitsubishi Electric Semiconductor
FU-48SDF-X30M5YF1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-48SDF-X31M4YF1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-48SDF-X37M9YF1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 Mitsubishi Electric Semiconductor
FU-68SDF-X3MYF1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 Mitsubishi Electric Semiconductor
FU-68SDF-X8YYMZZF1.55 μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-68SDF-X9YYMZZF1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
FU-68SDF-X31MYYF1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1 2 3 4 5 Mitsubishi Electric Semiconductor