Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCH244AD Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74LVCH244AD
Descripción Electrónicos  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH244AD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVCH244AD Datasheet HTML 5Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 6Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 7Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 8Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 9Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 10Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 11Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 12Page - NXP Semiconductors 74LVCH244AD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 Oct 30
9
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns.
Notes
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
2. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay 1An to 1Yn, 2An to 2Yn see Figs 6 and 8
1.2
17.0
ns
2.7
1.5
3.3
6.9
ns
3.0 to 3.6
1.5
2.8(1)
5.9
ns
tPZH/tPZL
3-state output enable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
24.0
ns
2.7
1.5
3.3
8.6
ns
3.0 to 3.6
1.0
3.4(1)
7.6
ns
tPHZ/tPLZ
3-state output disable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
9.0
ns
2.7
1.5
3.2
6.8
ns
3.0 to 3.6
1.5
2.9(1)
5.8
ns
tsk(0)
skew
note 2
−−
1.0
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay 1An to 1Yn, 2An to 2Yn see Figs 6 and 8
1.2
−−−
ns
2.7
1.5
9.0
ns
3.0 to 3.6
1.5
7.5
ns
tPZH/tPZL
3-state output enable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
−−−
ns
2.7
1.5
11
ns
3.0 to 3.6
1.0
9.5
ns
tPHZ/tPLZ
3-state output disable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
−−−
ns
2.7
1.5
8.5
ns
3.0 to 3.6
1.5
7.5
ns
tsk(0)
skew
note 2
−−
1.5
ns


Número de pieza similar - 74LVCH244AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVCH244AD PHILIPS-74LVCH244AD Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
74LVCH244AD NXP-74LVCH244AD Datasheet
121Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 06-13 August 2009
74LVCH244AD NXP-74LVCH244AD Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74LVCH244AD NEXPERIA-74LVCH244AD Datasheet
286Kb / 17P
   Octal buffer/line driver; 3-state
Rev. 12 - 16 September 2021
74LVCH244AD-Q100 NEXPERIA-74LVCH244AD-Q100 Datasheet
259Kb / 15P
   Octal buffer/line driver; 3-state
Rev. 6 - 15 February 2021
More results

Descripción similar - 74LVCH244AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC240A PHILIPS-74LVC240A_15 Datasheet
265Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Rev. 8-29 November 2011
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
logo
Nexperia B.V. All right...
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com