Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC68HC908GR8B Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

No. de pieza MC68HC908GR8B
Descripción Electrónicos  Microcontrollers
Download  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR8B Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR8B Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 260 page
background image
Clock Generator Module (CGM)
MC68HC908GR8B Data Sheet, Rev. 3.0
66
Freescale Semiconductor
AUTO — Automatic Bandwidth Control Bit
This read/write bit selects automatic or manual bandwidth control. When initializing the PLL for manual
operation (AUTO = 0), clear the ACQ bit before turning on the PLL. Reset clears the AUTO bit.
1 = Automatic bandwidth control
0 = Manual bandwidth control
LOCK — Lock Indicator Bit
When the AUTO bit is set, LOCK is a read-only bit that becomes set when the VCO clock, CGMVCLK,
is locked (running at the programmed frequency). When the AUTO bit is clear, LOCK reads as logic 0
and has no meaning. The write one function of this bit is reserved for test, so this bit must always be
written a 0. Reset clears the LOCK bit.
1 = VCO frequency correct or locked
0 = VCO frequency incorrect or unlocked
ACQ — Acquisition Mode Bit
When the AUTO bit is set, ACQ is a read-only bit that indicates whether the PLL is in acquisition mode
or tracking mode. When the AUTO bit is clear, ACQ is a read/write bit that controls whether the PLL is
in acquisition or tracking mode.
In automatic bandwidth control mode (AUTO = 1), the last-written value from manual operation is
stored in a temporary location and is recovered when manual operation resumes. Reset clears this bit,
enabling acquisition mode.
1 = Tracking mode
0 = Acquisition mode
4.5.3 PLL Multiplier Select Register High
The PLL multiplier select register high (PMSH) contains the programming information for the high byte of
the modulo feedback divider.
MUL11–MUL8 — Multiplier Select Bits
These read/write bits control the high byte of the modulo feedback divider that selects the VCO
frequency multiplier N. (See 4.3.3 PLL Circuits and 4.3.6 Programming the PLL.) A value of $0000 in
the multiplier select registers configures the modulo feedback divider the same as a value of $0001.
Reset initializes the registers to $0040 for a default multiply value of 64.
NOTE
The multiplier select bits have built-in protection such that they cannot be
written when the PLL is on (PLLON = 1).
PMSH[7:4] — Unimplemented Bits
These bits have no function and always read as 0s.
Address: $0038
Bit 7
654321
Bit 0
Read:
0000
MUL11
MUL10
MUL9
MUL8
Write:
Reset:
00000000
= Unimplemented
Figure 4-6. PLL Multiplier Select Register High (PMSH)


Número de pieza similar - MC68HC908GR8B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68HC908GR8 MOTOROLA-MC68HC908GR8 Datasheet
3Mb / 408P
   Microcontrollers
logo
Freescale Semiconductor...
MC68HC908GR8 FREESCALE-MC68HC908GR8 Datasheet
3Mb / 286P
   M68HC08 Microcontrollers
MC68HC908GR8A FREESCALE-MC68HC908GR8A Datasheet
3Mb / 252P
   Microcontrollers
MC68HC908GR8A FREESCALE-MC68HC908GR8A Datasheet
3Mb / 260P
   Microcontrollers
MC68HC908GR8ACDW FREESCALE-MC68HC908GR8ACDW Datasheet
3Mb / 252P
   Microcontrollers
More results

Descripción similar - MC68HC908GR8B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com