Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC68HC908GR8B Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

No. de pieza MC68HC908GR8B
Descripción Electrónicos  Microcontrollers
Download  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR8B Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR8B Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC908GR8B Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 260 page
background image
MC68HC908GR8B Data Sheet, Rev. 3.0
Freescale Semiconductor
81
Chapter 7
Central Processor Unit (CPU)
7.1 Introduction
The M68HC08 CPU (central processor unit) is an enhanced and fully object-code-compatible version of
the M68HC05 CPU. The CPU08 Reference Manual (document order number CPU08RM/AD) contains a
description of the CPU instruction set, addressing modes, and architecture.
7.2 Features
Features of the CPU include:
Object code fully upward-compatible with M68HC05 Family
16-bit stack pointer with stack manipulation instructions
16-bit index register with x-register manipulation instructions
8-MHz CPU internal bus frequency
64-Kbyte program/data memory space
16 addressing modes
Memory-to-memory data moves without using accumulator
Fast 8-bit by 8-bit multiply and 16-bit by 8-bit divide instructions
Enhanced binary-coded decimal (BCD) data handling
Modular architecture with expandable internal bus definition for extension of addressing range
beyond 64 Kbytes
Low-power stop and wait modes
7.3 CPU Registers
Figure 7-1 shows the five CPU registers. CPU registers are not part of the memory map.


Número de pieza similar - MC68HC908GR8B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68HC908GR8 MOTOROLA-MC68HC908GR8 Datasheet
3Mb / 408P
   Microcontrollers
logo
Freescale Semiconductor...
MC68HC908GR8 FREESCALE-MC68HC908GR8 Datasheet
3Mb / 286P
   M68HC08 Microcontrollers
MC68HC908GR8A FREESCALE-MC68HC908GR8A Datasheet
3Mb / 252P
   Microcontrollers
MC68HC908GR8A FREESCALE-MC68HC908GR8A Datasheet
3Mb / 260P
   Microcontrollers
MC68HC908GR8ACDW FREESCALE-MC68HC908GR8ACDW Datasheet
3Mb / 252P
   Microcontrollers
More results

Descripción similar - MC68HC908GR8B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com