Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY2A Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY2A
Descripción Electrónicos  Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY2A Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MC908QY2A Datasheet HTML 28Page - Freescale Semiconductor, Inc MC908QY2A Datasheet HTML 29Page - Freescale Semiconductor, Inc MC908QY2A Datasheet HTML 30Page - Freescale Semiconductor, Inc MC908QY2A Datasheet HTML 31Page - Freescale Semiconductor, Inc MC908QY2A Datasheet HTML 32Page - Freescale Semiconductor, Inc MC908QY2A Datasheet HTML 33Page - Freescale Semiconductor, Inc MC908QY2A Datasheet HTML 34Page - Freescale Semiconductor, Inc MC908QY2A Datasheet HTML 35Page - Freescale Semiconductor, Inc MC908QY2A Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 200 page
background image
Memory
MC68HC908QYA/QTA Family Data Sheet, Rev. 2
32
Freescale Semiconductor
6.
Wait for a time, tPGS.
7.
Write data to the FLASH address being programmed(1).
8.
Wait for time, tPROG.
9.
Repeat step 7 and 8 until all desired bytes within the row are programmed.
10.
Clear the PGM bit (1).
11.
Wait for time, tNVH.
12.
Clear the HVEN bit.
13.
After time, tRCV, the memory can be accessed in read mode again.
NOTE
The COP register at location $FFFF should not be written between steps
5-12, when the HVEN bit is set. Since this register is located at a valid
FLASH address, unpredictable behavior may occur if this location is written
while HVEN is set.
This program sequence is repeated throughout the memory until all data is programmed.
NOTE
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order shown, other unrelated operations may
occur between the steps. Do not exceed tPROG maximum, see 16.15
Memory Characteristics.
2.6.5 FLASH Protection
Due to the ability of the on-board charge pump to erase and program the FLASH memory in the target
application, provision is made to protect blocks of memory from unintentional erase or program operations
due to system malfunction. This protection is done by use of a FLASH block protect register (FLBPR).
The FLBPR determines the range of the FLASH memory which is to be protected. The range of the
protected area starts from a location defined by FLBPR and ends to the bottom of the FLASH memory
($FFFF). When the memory is protected, the HVEN bit cannot be set in either ERASE or PROGRAM
operations.
NOTE
In performing a program or erase operation, the FLASH block protect
register must be read after setting the PGM or ERASE bit and before
asserting the HVEN bit.
When the FLBPR is programmed with all 0 s, the entire memory is protected from being programmed and
erased. When all the bits are erased (all 1’s), the entire memory is accessible for program and erase.
When bits within the FLBPR are programmed, they lock a block of memory. The address ranges are
shown in 2.6.6 FLASH Block Protect Register. Once the FLBPR is programmed with a value other than
$FF, any erase or program of the FLBPR or the protected block of FLASH memory is prohibited. Mass
erase is disabled whenever any block is protected (FLBPR does not equal $FF). The FLBPR itself can be
erased or programmed only with an external voltage, VTST, present on the IRQ pin. This voltage also
allows entry from reset into the monitor mode.
1. The time between each FLASH address change, or the time between the last FLASH address programmed to clearing
PGM bit, must not exceed the maximum programming time, tPROG maximum.


Número de pieza similar - MC908QY2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY2A FREESCALE-MC908QY2A Datasheet
1Mb / 200P
   Microcontrollers
MC908QY2ACDTE FREESCALE-MC908QY2ACDTE Datasheet
2Mb / 200P
   M68HC08 Microcontrollers
MC908QY2ACDWE FREESCALE-MC908QY2ACDWE Datasheet
2Mb / 200P
   M68HC08 Microcontrollers
MC908QY2ACFQE FREESCALE-MC908QY2ACFQE Datasheet
2Mb / 200P
   M68HC08 Microcontrollers
MC908QY2ACPE FREESCALE-MC908QY2ACPE Datasheet
2Mb / 200P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QY2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com