Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY4A Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY4A
Descripción  Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY4A Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 78 / 200 page
background image
External Interrupt (IRQ)
MC68HC908QYA/QTA Family Data Sheet, Rev. 2
78
Freescale Semiconductor
Figure 8-1. Block Diagram Highlighting IRQ Block and Pin
When set, the IMASK bit in INTSCR masks the IRQ interrupt request. A latched interrupt request is not
presented to the interrupt priority logic unless IMASK is clear.
NOTE
The interrupt mask (I) in the condition code register (CCR) masks all
interrupt requests, including the IRQ interrupt request.
A falling edge on the IRQ pin can latch an interrupt request into the IRQ latch. An IRQ vector fetch,
software clear, or reset clears the IRQ latch.
RST, IRQ: Pins have internal pull up device
All port pins have programmable pull up device
PTA[0:5]: Higher current sink and source capability
PTB[0:7]: Not available on 8-pin devices
PTA0/TCH0/AD0/KBI0
PTA1/TCH1/AD1/KBI1
PTA2/IRQ/KBI2/TCLK
PTA3/RST/KBI3
PTA4/OSC2/AD2/KBI4
PTA5/OSC1/AD3/KBI5
2-CHANNEL 16-BIT
TIMER MODULE
KEYBOARD INTERRUPT
MODULE
SINGLE INTERRUPT
MODULE
AUTO WAKEUP
LOW-VOLTAGE
INHIBIT
COP
MODULE
6-CHANNEL
10-BIT ADC
PTB0/AD4
M68HC08 CPU
PTB1/AD5
PTB2
PTB3
PTB4
PTB5
PTB6
PTB7
MC68HC908QY4A
POWER SUPPLY
VDD
VSS
CLOCK
GENERATOR
MODULE
4096 BYTES
USER FLASH
128 BYTES
USER RAM
MONITOR ROM
MC68HC908QY4A
BREAK MODULE
DEVELOPMENT SUPPORT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
T89C51CC01_06CAN Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC68HC908GR8A_07Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
T89C51CC02_03CAN Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC68HC908GR8BMicrocontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
T89C5115_0380C51 Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn