Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MC908QY4A Datasheet(Hoja de datos) 80 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY4A
Descripción  Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

 80 page
background image
External Interrupt (IRQ)
MC68HC908QYA/QTA Family Data Sheet, Rev. 2
80
Freescale Semiconductor
8.4 Interrupts
The following IRQ source can generate interrupt requests:
Interrupt flag (IRQF) — The IRQF bit is set when the IRQ pin is asserted based on the IRQ mode.
The IRQ interrupt mask bit, IMASK, is used to enable or disable IRQ interrupt requests.
8.5 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-consumption standby modes.
8.5.1 Wait Mode
The IRQ module remains active in wait mode. Clearing IMASK in INTSCR enables IRQ interrupt requests
to bring the MCU out of wait mode.
8.5.2 Stop Mode
The IRQ module remains active in stop mode. Clearing IMASK in INTSCR enables IRQ interrupt requests
to bring the MCU out of stop mode.
8.6 IRQ Module During Break Interrupts
The system integration module (SIM) controls whether status bits in other modules can be cleared during
the break state. The BCFE bit in the break flag control register (BFCR) enables software to clear status
bits during the break state. See BFCR in the SIM section of this data sheet.
To allow software to clear status bits during a break interrupt, write a 1 to BCFE. If a status bit is cleared
during the break state, it remains cleared when the MCU exits the break state.
To protect status bits during the break state, write a 0 to BCFE. With BCFE cleared (its default state),
software can read and write registers during the break state without affecting status bits. Some status bits
have a two-step read/write clearing procedure. If software does the first step on such a bit before the
break, the bit cannot change during the break state as long as BCFE is cleared. After the break, doing the
second step clears the status bit.
8.7 I/O Signals
The IRQ module does not share its pin with any module on this MCU.
8.7.1 IRQ Input Pins (IRQ)
The IRQ pin provides a maskable external interrupt source. The IRQ pin contains an internal pullup
device.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
T89C51CC01_06CAN Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC68HC908GR8A_07Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
T89C51CC02_03CAN Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC68HC908GR8BMicrocontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
T89C5115_0380C51 Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl