Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MC908QY2AMDWE Datasheet(Hoja de datos) 25 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY2AMDWE
Descripción  Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

 25 page
background image
Direct Page Registers
MC68HC908QYA/QTA Family Data Sheet, Rev. 2
Freescale Semiconductor
25
$0028
TIM Channel 1 Status and
Control Register (TSC1)
See page 135.
Read:
CH1F
CH1IE
0
MS1A
ELS1B
ELS1A
TOV1
CH1MAX
Write:
0
Reset:
00
0000
00
$0029
TIM Channel 1
Register High (TCH1H)
See page 137.
Read:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Write:
Reset:
Indeterminate after reset
$002A
TIM Channel 1
Register Low (TCH1L)
See page 137.
Read:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Write:
Reset:
Indeterminate after reset
$002B
$0035
Reserved
$0036
Oscillator Status and
Control Register (OSCSC)
See page 100.
Read:
OSCOPT1 OSCOPT0
ICFS1
ICFS0
ECFS1
ECFS0
ECGON
ECGST
Write:
Reset:
00
1000
00
$0037
Reserved
$0038
Oscillator Trim Register
(OSCTRIM)
See page 101.
Read:
TRIM7
TRIM6
TRIM5
TRIM4
TRIM3
TRIM2
TRIM1
TRIM0
Write:
Reset:
10
0000
00
$0039
$003B
Reserved
$003C
ADC10 Status and Control
Register (ADSCR)
See page 46.
Read:
COCO
AIEN
ADCO
ADCH4
ADCH3
ADCH2
ADCH1
ADCH0
Write:
Reset:
00
0111
11
$003D
ADC10 Data Register High
(ADRH)
See page 48.
Read:
0
0
0000
AD9
AD8
Write:
RR
RRR
RRR
Reset:
00
0000
00
$003E
ADC10 Data Register Low
(ADRL)
See page 48.
Read:
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Write:
RR
RRR
RRR
Reset:
00
0000
00
$003F
ADC10 Clock Register
(ADCLK)
See page 48.
Read:
ADLPC
ADIV1
ADIV0
ADICLK
MODE1
MODE0
ADLSMP
ACLKEN
Write:
Reset:
00
0000
00
Addr.
Register Name
Bit 7
6
5432
1
Bit 0
= Unimplemented
R
= Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 3 of 5)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
T89C51CC01_06CAN Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC68HC908GR8A_07Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc
MC68HC908QC16Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
T89C51CC02_03CAN Microcontrollers 1 2 3 4 5 MoreATMEL Corporation
MC68HC908GR8BMicrocontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC68HC908GR16AM68HC08 Microcontrollers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PIC12F6838-Pin Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
T89C5115_0380C51 Microcontrollers 1 2 3 4 5 MoreATMEL Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl