Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCZ33889DEGR2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MCZ33889DEGR2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 60 page Analog Integrated Circuit Device Data Freescale Semiconductor 9 33889 ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS Supply Fail Flag internal threshold VTHRESH 1.5 3.0 4.0 V Supply Fail Flag hysteresis (12) VDETHYST - 1.0 - V Battery fall early warning threshold In normal & standby mode BFEW 5.8 6.1 6.4 V Battery fall early warning hysteresis In normal & standby mode (12) BFEWH 0.1 0.2 0.3 V OUTPUT PIN (VDD1) (13) VDD1 Output Voltage IDD1 from 2.0 to 200mA 5.5 V < VSUP < 27 V 4.5 V < VSUP < 5.5 V VDD1OUT 4.9 4.0 5.0 - 5.1 - V Drop Voltage VSUP > VDDOUT IDD1 = 200 mA VDD1DROP - 0.2 0.5 V Drop Voltage VSUP > VDDOUT, limited output current IDD1 = 50 mA 4.5 V < VSUP < 27 V VDD1DP2 - 0.1 0.25 V IDD1 Output Current Internally limited IDD1 200 270 350 mA VDD1 Output Voltage in stop mode Iout < 2.0 mA VDDSTOP 4.75 5.00 5.25 V IDD1 stop output current to wake-up SBC Default value after reset. (14) IDD1S-WU1 2.0 3.5 6.0 mA IDD1 stop output current to wake-up SBC (14) IDD1S-WU2 10 14 18 mA IDD1 over current wake deglitcher (with IDD1S-WU1 selected) (12) IDD1-DGIT11 40 55 75 µs IDD1 over current wake deglitcher (with IDD1S-WU2 selected) (12) IDD1-DGIT2 - 150 - µs Thermal Shutdown Normal or standby mode TSD 160 - 190 °C Over temperature pre warning VDDTEMP bit set TPW 130 - 160 °C Temperature Threshold difference TSD-TPW 20 - 40 °C Notes 12. Guaranteed by design 13. IDD1 is the total regulator output current. VDD specification with external capacitor C ≥ 22µF and ESR < 1O ohm. 14. Selectable by SPI Table 4. Static Electrical Characteristics (continued). Characteristics noted under conditions - VSUP From 5.5 V to 18 V and TJ from -40°C to 125°C, unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted. Description Symbol Min Typ Max Unit |
Número de pieza similar - MCZ33889DEGR2 |
|
Descripción similar - MCZ33889DEGR2 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |