Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM416S8030BN Datasheet(PDF) 8 Page - Samsung semiconductor

No. de pieza KM416S8030BN
Descripción Electrónicos  128Mb SDRAM Shrink TSOP 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S8030BN Datasheet(HTML) 8 Page - Samsung semiconductor

  KM416S8030BN Datasheet HTML 1Page - Samsung semiconductor KM416S8030BN Datasheet HTML 2Page - Samsung semiconductor KM416S8030BN Datasheet HTML 3Page - Samsung semiconductor KM416S8030BN Datasheet HTML 4Page - Samsung semiconductor KM416S8030BN Datasheet HTML 5Page - Samsung semiconductor KM416S8030BN Datasheet HTML 6Page - Samsung semiconductor KM416S8030BN Datasheet HTML 7Page - Samsung semiconductor KM416S8030BN Datasheet HTML 8Page - Samsung semiconductor KM416S8030BN Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
KM416S8030BN
Rev. 0.1 Aug. 1999
CMOS SDRAM
Preliminary
shrink-TSOP
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Parameter
Symbol
-H
-L
Unit
Note
Min
Max
Min
Max
CLK cycle time
CAS latency=3
tCC
10
1000
10
1000
ns
1
CAS latency=2
10
12
CLK to valid
output delay
CAS latency=3
tSAC
6
6
ns
1,2
CAS latency=2
6
7
Output data
hold time
CAS latency=3
tOH
3
3
ns
2
CAS latency=2
3
3
CLK high pulse width
tCH
3
3
ns
3
CLK low pulse width
tCL
3
3
ns
3
Input setup time
tSS
2
2
ns
3
Input hold time
tSH
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
ns
2
CLK to output
in Hi-Z
CAS latency=3
tSHZ
6
6
ns
CAS latency=2
6
7
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Notes :
DQ BUFFER OUTPUT DRIVE CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Notes
Output rise time
trh
Measure in linear
region : 1.2V ~ 1.8V
1.37
4.37
Volts/ns
3
Output fall time
tfh
Measure in linear
region : 1.2V ~ 1.8V
1.30
3.8
Volts/ns
3
Output rise time
trh
Measure in linear
region : 1.2V ~ 1.8V
2.8
3.9
5.6
Volts/ns
1,2
Output fall time
tfh
Measure in linear
region : 1.2V ~ 1.8V
2.0
2.9
5.0
Volts/ns
1,2
1. Rise time specification based on 0pF + 50
Ω to VSS, use these values to design to.
2. Fall time specification based on 0pF + 50
Ω to VDD, use these values to design to.
3. Measured into 50pF only, use these values to characterize to.
4. All measurements done with respect to VSS.
Notes :


Número de pieza similar - KM416S8030BN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BT-G/F10 SAMSUNG-KM416S8030BT-G/F10 Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BT-G/F8 SAMSUNG-KM416S8030BT-G/F8 Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BT-G/FA SAMSUNG-KM416S8030BT-G/FA Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BT-G/FH SAMSUNG-KM416S8030BT-G/FH Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results

Descripción similar - KM416S8030BN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com