Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ146012EGR2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MCZ146012EGR2
Descripción Electrónicos  Low Power CMOS Photoelectric Smoke Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ146012EGR2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ146012EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Sensors
4
Freescale Semiconductor
MC146012
* TA = 25°C Only
Symbol
Parameter
Test Condition
Test
Pin
VDD
Min
Max
Unit
IIH
Pull-Down Current
Test
I/O
VIN = VDD
I/O VIN = VDD
I/O VIN = 17 V
16
7.0
12
9.0
9.0
12
0.5
25
-1.0
1.0
100
140
µA
µA
VOL
Low-Level Output Voltage
LED
Silver, Brass
IOUT = 10 mA
IOUT = 16 mA
11
8.9
6.5
6.5
0.6
1.0
V
VOH
High-Level Output Voltage
Silver, Brass
IOUT = -16 mA
8.9
6.5
5.5
V
VOUT
Output Voltage
Strobe
(For Line Regulation, See Pin Descriptions)
Inactive, IOUT = 1.0 µA
Active, IOUT = 100 to 500 µA
(Load Regulation)
4.0
9.0
9.0
VDD-0.1
VDD-5.4
VDD-4.6
V
IOH
High-Level Output Current
I/O
Local Smoke, VOUT = 4.5 V
Local Smoke, VOUT = VSS
(Short Circuit Current)
7.0
6.5
12
-4.0
-16
mA
IOZ
Off-State Output Leakage Current
LED
VOUT = VSS or VDD
11
12
±100
nA
VOL
Active
1.0 mA
6.5
0.5
V
VIC
Common Mode
C1, C2, Detect
Voltage Range
Local Smoke, Pushbutton, or
Chamber Sensitivity Test
——
VDD-4.0
VDD-2.0
V
VREF
Smoke Comparator
Internal
Reference Voltage
Local Smoke, Pushbutton, or
Chamber Sensitivity Test
——
VDD-3.9
VDD -3.1
V
VREF-HI High Smoke Comparator
Internal
Reference Voltage
Local Smoke, Pushbutton, or
Chamber Sensitivity Test
——
VREF-
0.52
VREF-0.48
V
Table 2. Electrical Characteristics (Voltages Referenced to VSS, TA = -10 to 60°C unless otherwise indicated.) (continued)
Table 3
. AC Electrical Characteristics (Refer to Timing Diagram Figure 3 and Figure 4. TA = 25°C, VDD = 9.0 V,
Component Values from Figure 5.)
No.
Symbol
Parameter
Test Condition
Clocks
Min(1)
Typ(2)
Max(1)
Unit
11/fOSC
Oscillator Period
Free-running Saw tooth
Measured at Pin 12
1.0
7.2
8.0
8.8
ms
2tLED
LED Pulse Period
No Local Smoke, and No
Remote Smoke
4096
28.8
32.4
35.2
s
3
Remote Smoke, but No
Local Smoke
Extinguished
4
Local Smoke
256
1.6
2.0
2.4
5
Pushbutton Test
256
1.6
2.0
2.4
Push button Test with
Alarm Memory
4.0
25.6
32
38.4
ms
6tw(LED),
tw(stb)
LED Pulse Width and Strobe
Pulse Width
Remote Smoke but No
Local Smoke
1.0
OFF
OFF
7
(tIRED)
(IRED Pulse Period)
Smoke Test
1024
7.2
8.1
8.8
s
8
Chamber Sensitivity Test,
Without Local Smoke
4096
28.8
32.4
35.2
9
Local Smoke, in Speed-Up
128
0.9
1.0
1.1
Pushbutton Test
128
0.9
1.0
1.1
10
tw(IRED)
IRED Pulse Width
Tf*
94
116
µs
11
tR
——
30
µs
12
tF
200
µs


Número de pieza similar - MCZ146012EGR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ146010EG FREESCALE-MCZ146010EG Datasheet
390Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
MCZ146010EGR2 FREESCALE-MCZ146010EGR2 Datasheet
390Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
More results

Descripción similar - MCZ146012EGR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010_07 Datasheet
390Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com