Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APTF3216PBAVGASUK Datasheet(PDF) 4 Page - Kingbright Corporation

No. de Pieza. APTF3216PBAVGASUK
Descripción  3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

APTF3216PBAVGASUK Datasheet(HTML) 4 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPEC NO: DSAG5719
REV NO: V.4
DATE: APR/03/2007
PAGE: 4 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP:1203005399
Green


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
AM23ID-FSOT-23 SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
QTLP600C-23SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 1 2 3 4 5 MoreFairchild Semiconductor
AA3020CGCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
SML-LX1206IC-TR3.2MM X 1.6 MM PCB SURFACE MOUNT LED 635NM RED LED WATER CLEAR LENS TAPE AND REEL 1 List of Unclassifed Manufacturers
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
AM23ESGCSOT-23 SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
APA2106SEC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106SECK2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APTD3216CGCK3.2 x 1.6mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106SGC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn