Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AA3020SYC Datasheet(PDF) 3 Page - Kingbright Corporation

No. de Pieza. AA3020SYC
Descripción  3.0x2.0mm SURFACE MOUNT LED LAMP
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

AA3020SYC Datasheet(HTML) 3 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD1218
REV NO: V.2
DATE: MAR/05/2005
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP:1201000147
Super Bright Yellow
AA3020SYC


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
AA3020CGCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SEC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SECK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SGC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SRC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SURC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SURCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
QTLP600C-23SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 1 2 3 4 5 MoreFairchild Semiconductor
APTF3216PBAVGASUK3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn