Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AA3020YC Datasheet(PDF) 2 Page - Kingbright Corporation

No. de Pieza. AA3020YC
Descripción  3.0x2.0mm SURFACE MOUNT LED LAMP
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

AA3020YC Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD1217
REV NO: V.4
DATE: MAR/17/2005
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP:1201000159
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θ1/2
AA3020YC
YELLOW (GaAsP/GaP)
WATER CLEAR
4
15
90
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD
Dominant Wavelength
Yellow
588
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF
Forward Voltage
Yellow
2.1
2.5
V
IF=20mA
IR
Reverse Current
Yellow
10
uA
VR = 5V
Parameter
Yellow
Units
Power dissipation
105
mW
DC Forward Current
30
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
AA3020CGCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SEC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SECK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SGC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SRC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SURC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SURCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SYC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SYCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AM23ID-FSOT-23 SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn