Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AA3022YC Datasheet(PDF) 2 Page - Kingbright Corporation

No. de pieza AA3022YC
Descripción Electrónicos  3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3022YC Datasheet(HTML) 2 Page - Kingbright Corporation

  AA3022YC Datasheet HTML 1Page - Kingbright Corporation AA3022YC Datasheet HTML 2Page - Kingbright Corporation AA3022YC Datasheet HTML 3Page - Kingbright Corporation AA3022YC Datasheet HTML 4Page - Kingbright Corporation AA3022YC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1226
REV NO: V.2
DATE: MAY/08/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201000237
Selection Guide
Notes:
1. >1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2;1/2
AA3022YC-4.5SF
Yellow (GaAsP/GaP)
WATER CLEAR
4
10
90
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Dpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
DD [1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
ID1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Yellow
2.1
2.5
V
IF=20mA
IR
Reverse Current
Yellow
10
uA
VR=5V
Parameter
Yellow
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Número de pieza similar - AA3022YC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
AA3022EC KINGBRIGHT-AA3022EC Datasheet
290Kb / 5P
   3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
AA3022EC-4.5SF KINGBRIGHT-AA3022EC-4.5SF Datasheet
290Kb / 5P
   3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
AA3022SGC KINGBRIGHT-AA3022SGC Datasheet
288Kb / 5P
   3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
AA3022SGC-4.5SF KINGBRIGHT-AA3022SGC-4.5SF Datasheet
288Kb / 5P
   3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
AA3022SRC KINGBRIGHT-AA3022SRC Datasheet
288Kb / 5P
   3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
More results

Descripción similar - AA3022YC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
AA3022SGC KINGBRIGHT-AA3022SGC Datasheet
288Kb / 5P
   3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
AA3022EC KINGBRIGHT-AA3022EC Datasheet
290Kb / 5P
   3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
AA3022SRC KINGBRIGHT-AA3022SRC Datasheet
288Kb / 5P
   3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
logo
P-tec Corporation
PLC3528-WCA11 P-TEC-PLC3528-WCA11 Datasheet
2Mb / 15P
   Single Color Surface Mount LED
PLC3020-WCWW75-N0 P-TEC-PLC3020-WCWW75-N0 Datasheet
6Mb / 16P
   Single Color Surface Mount LED
PLC3528-WCG05 P-TEC-PLC3528-WCG05 Datasheet
3Mb / 17P
   Single Color Surface Mount LED
PLC3020-WCPW P-TEC-PLC3020-WCPW Datasheet
6Mb / 17P
   Single Color Surface Mount LED
PLC3528-WCR05 P-TEC-PLC3528-WCR05 Datasheet
2Mb / 15P
   Single Color Surface Mount LED
PLC3528-WCY06 P-TEC-PLC3528-WCY06 Datasheet
2Mb / 14P
   Single Color Surface Mount LED
PLC3020-WCNW75-N0 P-TEC-PLC3020-WCNW75-N0 Datasheet
5Mb / 15P
   Single Color Surface Mount LED
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com