Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8231ACPZ-WP Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8231ACPZ-WP
Descripción Electrónicos  Zero Drift, Digitally Programmable Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-WP Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8231ACPZ-WP Datasheet HTML 4Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 9Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 10Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 11Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8231
Rev. 0 | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
NC
2
(IN-AMP –IN) –INA
3
(IN-AMP +IN) +INA
4
NC
11 –VS
12 +VS
10 OUTA (IN-AMP OUT)
9REF
TOP VIEW
(Not to Scale)
AD8231
NC = NO CONNECT
Figure 2. 16-Lead LFCSP (Chip Scale)
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Description
1
NC
No Connect.
2
−INA
In-Amp Negative Input.
3
+INA
In-Amp Positive Input.
4
NC
No Connect.
5
SDN
Shutdown.
6
+INB
Op Amp Positive Input.
7
−INB
Op Amp Negative Input.
8
OUTB
Op Amp Output.
9
REF
In-Amp Reference Pin. It should be driven with a low impedance. Output is referred to
this pin.
10
OUTA
In-Amp Output.
11
−VS
Negative Power Supply. Connect to ground in single supply applications.
12
+VS
Positive Power Supply.
13
CS
Chip Select. Enables digital logic interface.
14
A0
Gain Setting Bit (LSB).
15
A1
Gain Setting Bit.
16
A2
Gain Setting Bit (MSB).


Número de pieza similar - AD8231ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8231ACPZ-WP AD-AD8231ACPZ-WP Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231ACPZ-WP AD-AD8231ACPZ-WP Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
AD8231ACPZ-WP AD-AD8231ACPZ-WP Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results

Descripción similar - AD8231ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
   Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8555 AD-AD8555_15 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable
Rev. A
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
logo
National Semiconductor ...
LMP8358 NSC-LMP8358 Datasheet
1,015Kb / 32P
   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com