Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9516-1BCPZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD9516-1BCPZ
Descripción Electrónicos  14-Output Clock Generator with Integrated 2.5 GHz VCO
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9516-1BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9516-1BCPZ Datasheet HTML 5Page - Analog Devices AD9516-1BCPZ Datasheet HTML 6Page - Analog Devices AD9516-1BCPZ Datasheet HTML 7Page - Analog Devices AD9516-1BCPZ Datasheet HTML 8Page - Analog Devices AD9516-1BCPZ Datasheet HTML 9Page - Analog Devices AD9516-1BCPZ Datasheet HTML 10Page - Analog Devices AD9516-1BCPZ Datasheet HTML 11Page - Analog Devices AD9516-1BCPZ Datasheet HTML 12Page - Analog Devices AD9516-1BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
AD9516-1
Rev. 0 | Page 9 of 84
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK = 1.6 GHz, OUTPUT = 400 MHz
Input slew rate > 1 V/ns
Divider = 4
@ 10 Hz Offset
−114
dBc/Hz
@ 100 Hz Offset
−122
dBc/Hz
@ 1 kHz Offset
−132
dBc/Hz
@ 10 kHz Offset
−140
dBc/Hz
@ 100 kHz Offset
−146
dBc/Hz
@ 1 MHz Offset
−150
dBc/Hz
>10 MHz Offset
−155
dBc/Hz
CLK-TO-CMOS ADDITIVE PHASE NOISE
Distribution section only; does not
include PLL and VCO
CLK = 1 GHz, OUTPUT = 250 MHz
Input slew rate > 1 V/ns
Divider = 4
@ 10 Hz Offset
−110
dBc/Hz
@ 100 Hz Offset
−120
dBc/Hz
@ 1 kHz Offset
−127
dBc/Hz
@ 10 kHz Offset
−136
dBc/Hz
@ 100 kHz Offset
−144
dBc/Hz
@ 1 MHz Offset
−147
dBc/Hz
>10 MHz Offset
−154
dBc/Hz
CLK = 1 GHz, OUTPUT = 50 MHz
Input slew rate > 1 V/ns
Divider = 20
@ 10 Hz Offset
−124
dBc/Hz
@ 100 Hz Offset
−134
dBc/Hz
@ 1 kHz Offset
−142
dBc/Hz
@ 10 kHz Offset
−151
dBc/Hz
@ 100 kHz Offset
−157
dBc/Hz
@ 1 MHz Offset
−160
dBc/Hz
>10 MHz Offset
−163
dBc/Hz
CLOCK OUTPUT ABSOLUTE PHASE NOISE (INTERNAL VCO USED)
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL ABSOLUTE PHASE NOISE
Internal VCO; direct to LVPECL output
VCO = 2.65 GHz; OUTPUT = 2.65 GHz
@ 1 kHz Offset
−46
dBc/Hz
@ 10 kHz Offset
−76
dBc/Hz
@ 100 kHz Offset
−104
dBc/Hz
@ 1 MHz Offset
−123
dBc/Hz
@ 10 MHz Offset
−140
dBc/Hz
@ 40 MHz Offset
−146
dBc/Hz
VCO = 2.475 GHz; OUTPUT = 2.475 GHz
@ 1 kHz Offset
−47
dBc/Hz
@ 10 kHz Offset
−77
dBc/Hz
@ 100 kHz Offset
−105
dBc/Hz
@ 1 MHz Offset
−124
dBc/Hz
@ 10 MHz Offset
−141
dBc/Hz
@ 40 MHz Offset
−146
dBc/Hz


Número de pieza similar - AD9516-1BCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9516-1 AD-AD9516-1 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9516-1 AD-AD9516-1_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
More results

Descripción similar - AD9516-1BCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9516-1 AD-AD9516-1_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
AD9517-1 AD-AD9517-1_15 Datasheet
2Mb / 80P
   12-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. E
AD9518-1 AD-AD9518-1 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
AD9517-1 AD-AD9517-1 Datasheet
2Mb / 80P
   12-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. E
AD9518_1 AD-AD9518_1_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. C
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9516-2 AD-AD9516-2 Datasheet
946Kb / 84P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com