Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9957BSVZ Datasheet(PDF) 1 Page - Analog Devices |
|
AD9957BSVZ Datasheet(HTML) 1 Page - Analog Devices |
1 / 60 page 1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC AD9957 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2007 Analog Devices, Inc. All rights reserved. FEATURES 1 GSPS internal clock speed (up to 400 MHz analog output) Integrated 1 GSPS 14-bit DAC 250 MHz I/Q data throughput rate Phase noise ≤ −125 dBc/Hz (400 MHz carrier @ 1 kHz offset) Excellent dynamic performance >80 dB narrow-band SFDR 8 programmable profiles for shift keying SIN(x)/(x) correction (inverse sinc filter) Reference clock multiplier Internal oscillator for a single crystal operation Software and hardware controlled power-down Integrated RAM Phase modulation capability Multichip synchronization Easy interface to Blackfin SPORT Interpolation factors from 4× to 252× Interpolation DAC mode Gain control DAC Internal divider allows references up to 2 GHz 1.8 V and 3.3 V power supplies 100-lead TQFP_EP package APPLICATIONS HFC data, telephony, and video modems Wireless base station transmission Broadband communications transmissions Internet telephony GENERAL DESCRIPTION The AD9957 functions as a universal I/Q modulator and agile upconverter for communications systems where cost, size, power consumption, and dynamic performance are critical. The AD9957 integrates a high speed, direct digital synthesizer (DDS), a high performance, high speed, 14-bit digital-to-analog converter (DAC), clock multiplier circuitry, digital filters, and other DSP functions onto a single chip. It provides for baseband upconversion for data transmission in a wired or wireless communications system. The AD9957 is the third offering in a family of quadrature digital upconverters (QDUCs) that includes the AD9857 and AD9856. It offers performance gains in operating speed, power consumption, and spectral performance. Unlike its predecessors, it supports a 16-bit serial input mode for I/Q baseband data. The device can alternatively be programmed to operate either as a single tone, sinusoidal source or as an interpolating DAC. The reference clock input circuitry includes a crystal oscillator, a high speed, divide-by-two input, and a low noise PLL for multiplication of the reference clock frequency. The user interface to the control functions includes a serial port easily configured to interface to the SPORT of the Blackfin® DSP and profile pins to enable fast and easy shift keying of any signal parameter (phase, frequency, and amplitude). FUNCTIONAL BLOCK DIAGRAM FORMAT AND INTERPOLATE NCO I Q REFERENCE CLOCK INPUT I/Q DATA DATA FOR XMIT REFERENCE CLOCK INPUT CIRCUITRY TIMING AND CONTROL 14-BIT DAC USER INTERFACE AD9957 Figure 1. |
Número de pieza similar - AD9957BSVZ |
|
Descripción similar - AD9957BSVZ |