Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADA4000-2ARZ Datasheet(PDF) 7 Page - Analog Devices |
|
ADA4000-2ARZ Datasheet(HTML) 7 Page - Analog Devices |
7 / 16 page ADA4000-1/ADA4000-2/ADA4000-4 Rev. 0 | Page 7 of 16 120 20 100 10M FREQUENCY (Hz) 40 60 80 100 1k 10k 100k 1M VS = ±15V TA = 25°C Figure 13. Common-Mode Rejection Ratio vs. Frequency, VS = ±15 V 15 –15 TIME (1µs/DIV) –5 10 0 5 –10 VS = ±15V AV = +1 RL = 2kΩ TA = 25°C Figure 14. Large Signal Transient Response, VS = ±15 V TIME (2µs/DIV) VS = ±15V CL = 300pF AV = +1 TA = 25°C Figure 15. Small Signal Transient Response, VS = ±15 V 100 20 1k 10M FREQUENCY (Hz) 60 10k 100k 1M 80 40 VS = ±5V TA = 25°C Figure 16. Common-Mode Rejection Ratio vs. Frequency, VS = ±5 V TIME (1µs/DIV) 4 3 2 1 0 –1 –2 –3 –4 VS = ±5V AV = –1 RL = 2kΩ TA = 25°C Figure 17. Large Signal Transient Response, VS = ±5 V TIME (2µs/DIV) VS = ±5V CL = 300pF AV = +1 TA = 25°C Figure 18. Small Signal Transient Response, VS = ±5 V |
Número de pieza similar - ADA4000-2ARZ |
|
Descripción similar - ADA4000-2ARZ |