Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AA4040CGCK Datasheet(PDF) 2 Page - Kingbright Corporation

No. de Pieza. AA4040CGCK
Descripción  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

AA4040CGCK Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAC6024
REV NO: V.7
DATE: MAY/08/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201000438
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AA4040CGCK
Green (InGaAlP)
WATER CLEAR
36
70
90
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
570
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
20
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.1
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR=5V
Parameter
Green
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
APA2106VGC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106YC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106ZGC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106CGCK2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
NTE30081Light Emitting Diode LED Right Angle Surface Mount 1 2 3 NTE Electronics
APA2106MBC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106PBC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106QBC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106SEC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106SECK2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn